Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3421 Datasheet HTML 1Page - National Semiconductor (TI) LM3421 Datasheet HTML 2Page - National Semiconductor (TI) LM3421 Datasheet HTML 3Page - National Semiconductor (TI) LM3421 Datasheet HTML 4Page - National Semiconductor (TI) LM3421 Datasheet HTML 5Page - National Semiconductor (TI) LM3421 Datasheet HTML 6Page - National Semiconductor (TI) LM3421 Datasheet HTML 7Page - National Semiconductor (TI) LM3421 Datasheet HTML 8Page - National Semiconductor (TI) LM3421 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN, EN, RPD, nDIM
-0.3V to 76.0V
-1mA continuous
OVP, HSP, HSN, LRDY, FLT,
DPOL
-0.3V to 76.0V
-100µA continuous
RCT
-0.3V to 76.0V
-1mA to +5mA continuous
IS
-0.3V to 76.0V
-2V for 100ns
-1mA continuous
V
CC
-0.3V to 8.0V
TIMR
-0.3V to 7.0V
-100µA to +100µA
Continuous
COMP, CSH
-0.3V to 6.0V
-200µA to +200µA
Continuous
GATE, DDRV
-0.3V to V
CC
-2.5V for 100ns
V
CC+2.5V for 100ns
-1mA to +1mA continuous
PGND
-0.3V to 0.3V
-2.5V to 2.5V for 100ns
Maximum Junction
Temperature (Internally
Limited)
165°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
(Soldering) (Note 5)
300°C
Continuous Power Dissipation
(Notes , 4)
Internally Limited
ESD Susceptibility
(Note 6)
Human Body Model
2kV
Machine Model
200V
Charge Device Model
500V
Operating Conditions (Notes 1, 2)
Operating Junction
Temperature Range (Note 7)
−40°C to +150°C
Input Voltage V
IN
4.5V to 75V
Electrical Characteristics (Note 2)
Specifications in standard type face are for T
J = 25°C and those with boldface type apply over the full Operating Temperature
Range ( T
J = −40°C to +125°C). Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at T
J = +25°C, and are provided for reference purposes only. Unless otherwise
stated the following condition applies: V
IN = +14V.
Symbol
Parameter
Conditions
Min (Note 7) Typ (Note 8)
Max (Note 7)
Units
STARTUP REGULATOR
V
CCREG
V
CC Regulation
I
CC = 0mA
6.30
6.90
7.35
V
I
CCLIM
V
CC Current Limit
V
CC = 0V
20
25
mA
I
Q
Quiescent Current
EN = 3.0V, Static
2
3
I
SD
Shutdown Current
EN = 0V
0.1
1.0
µA
V
CC SUPPLY
V
CCUV
V
CC UVLO Threshold
V
CC Increasing
4.17
4.50
V
V
CC Decreasing
3.70
4.08
V
CCHYS
V
CC UVLO Hysteresis
0.1
EN THRESHOLDS
EN
ST
EN Startup Threshold
EN Increasing
1.75
2.40
V
EN Decreasing
0.80
1.63
EN
STHYS
EN Startup Hysteresis
0.1
R
EN
EN Pulldown Resistance
EN = 1V
0.45
0.82
1.30
M
Ω
CSH THRESHOLDS
CSH High Fault
CSH Increasing
1.6
V
CSH Low Condition on LRDY
Pin (LM3423 only)
CSH increasing
1.0
OV THRESHOLDS
OVP
CB
OVP OVLO Threshold
OVP Increasing
1.185
1.240
1.285
V
OVP
HYS
OVP Hysteresis Source
Current
OVP Active (high)
20
23
25
µA
DPOL THRESHOLDS
DPOL
THRESH DPOL Logic Threshold
DPOL Increasing
2.0
2.3
2.6
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com