Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3421 Datasheet HTML 6Page - National Semiconductor (TI) LM3421 Datasheet HTML 7Page - National Semiconductor (TI) LM3421 Datasheet HTML 8Page - National Semiconductor (TI) LM3421 Datasheet HTML 9Page - National Semiconductor (TI) LM3421 Datasheet HTML 10Page - National Semiconductor (TI) LM3421 Datasheet HTML 11Page - National Semiconductor (TI) LM3421 Datasheet HTML 12Page - National Semiconductor (TI) LM3421 Datasheet HTML 13Page - National Semiconductor (TI) LM3421 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Functional Description
ENABLE
The LM3421/LM3423 devices impliment “zero-current” shut-
down via the EN and RPD pins. When pulled low, the EN pin
places the devices into a near-zero current draw state in
which only leakage currents will be observed flowing into the
pins of the LM3421/LM3423.
The RPD pin connects to an open drain N-channel MOSFET
that is only enabled when the device is enabled. Tying the
bottom resistor of external resistor dividers, namely V
IN Un-
der-Voltage Lock-Out (UVLO) and Over-Voltage Lock-Out
(OVLO), allows them to float during shutdown, thus removing
their current paths. In this way, the LED module can be de-
signed to draw zero current from the V
IN input supply line
when disabled. All other internal pin functions are also dis-
abled and draw zero current.
The EN pin should be tied to V
IN if the low current disable
function is not desired. This pin, being a micro-power enable,
is not a precision comparator input and is not appropriate for
implementing UVLO. The nDIM pin may be used for an ac-
curate V
IN UVLO function, as discussed in detail below in the
section titled External Under-Voltage Protection.
STARTUP REGULATOR (V
CC LDO)
The LM3421/LM3423 devices include a high voltage, low
dropout (LDO) bias regulator. When power is applied and the
EN pin is high, the regulator is enabled and sources current
into an external capacitor connected to the V
CC pin. The out-
put voltage is 6.9V nominally and the supply is internally
current limited to 20mA minimum. The recommended bypass
capacitance range for the V
CC regulator is 2.2µF to 3.3µF.
The output of the V
CC regulator is monitored by an internal
UVLO circuit. The purpose of V
CC UVLO is to protect the de-
vice during startup, normal operation, and shutdown from
attempting to operate with insufficient supply voltage. During
startup, the V
CC UVLO circuitry ensures that the device does
not begin switching until the V
CC voltage exceeds the upper
threshold in the hysteretic band of the V
CC UVLO threshold.
When V
IN is low, the low dropout regulator will drive VCC to
within several hundred millivolts of V
IN. If during normal op-
eration V
CC falls below the VCC UVLO threshold for any rea-
son, the V
CC UVLO circuitry will disable the device. In this
case, the device will not resume operation until the V
CC UVLO
release threshold voltage is exceeded. On-chip filtering pre-
vents intermittent transient dips that are common in high
speed switching regulators from triggering V
CC UVLO.
EXTERNAL UNDER-VOLTAGE PROTECTION
The nDIM pin is a dual-function input that features an accurate
1.24V threshold with programmable hysteresis. This pin func-
tions as both the PWM input for fast dimming of the LEDs and
as a V
IN UVLO. When the pin voltage rises and exceeds the
1.24V threshold, 23µA (typical) of current is driven out of the
nDIM pin into the resistor divider providing programmable
hysteresis. To calculate the amount of V
IN
hysteresis
achieved, simply multiply the top resistor in the divider (R1 in
Figure 1) by 23µA (for a two resistor system) or the Thevenin
resistance by 23µA for any other network. Note that if the
Thevenin resistance is used in the calculation the result is the
amount of voltage hysteresis observed at the nDIM pin. This
quantity must be gained up by the appropriate resistor divider
attenuation factor to calculate the actual V
IN hysteresis ob-
served.
30067356
FIGURE 1. Under-Voltage Lock-Out Circuitry
Cycling the EN Pin Causes Escape from UVLO
When the EN and RPD pins are used together to implement
the “zero-current” shutdown function, they allow the resistor
divider (R1 and R2) on the nDIM to pull the pin up to V
IN. This
will appear as a legal operating voltage (nDIM > 1.24V). This
condition is removed as soon as the EN pin is taken back to
a high state. If the input voltage is inside the UVLO threshold
hysteretic window and the controller is off, cycling the EN pin
low and then high will start the controller even though the UV-
LO turn-on threshold has not been reached.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com