Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3421 Datasheet HTML 9Page - National Semiconductor (TI) LM3421 Datasheet HTML 10Page - National Semiconductor (TI) LM3421 Datasheet HTML 11Page - National Semiconductor (TI) LM3421 Datasheet HTML 12Page - National Semiconductor (TI) LM3421 Datasheet HTML 13Page - National Semiconductor (TI) LM3421 Datasheet HTML 14Page - National Semiconductor (TI) LM3421 Datasheet HTML 15Page - National Semiconductor (TI) LM3421 Datasheet HTML 16Page - National Semiconductor (TI) LM3421 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LM3423 ONLY: FAULT TIMER AND STATUS FLAGS
Among the LM3423's additional pins are TIMR and FLT which
can be used in conjunction with an input disconnect MOSFET
switch will protect the module from various fault conditions.
An 11.5µA (typical) current is sourced from the TIMR pin
whenever any of the following conditions exist: (1) LED cur-
rent is above regulation by more than 30% (over-current
protection has engaged as described above), (2) OVLO has
engaged, or (3) thermal limit protection has engaged. An ex-
ternal capacitor on the TIMR pin acts to program the fault filter
time. When the voltage on the TIMR pin reaches 1.24V, the
device is latched off and the N-channel MOSFET open drain
FLT pin transitions to a high impedance state. The TIMR pin
will be immediately pulled to ground (reset) if the fault condi-
tion is removed at any point during the filter period.
If immediate latching is desired, simply use a 220pF timing
cap on the TIMR pin. When using the EN and OVP pins in
conjunction with the RPD pull-down pin, a race condition ex-
ists when exiting the disabled (EN low) state. When disabled,
the OVP pin is pulled up to the output voltage because the
RPD pull-down is disabled, and this will appear to be a real
OVLO condition. The timer pin will immediately rise and latch
the controller to the fault state. To protect against this behav-
ior, a minimum capacitor should be populated from the TIMR
pin to AGND of 220pF.
30067360
FIGURE 5. OVP Resistive Divider Grounded with RPD
If fault latching operation is not required, short the TIMR pin
to ground. Note that if the TIMR pin is shorted to ground, the
FLT flag function will also be disabled. When enabled, the FLT
pin can be used in conjunction with an external P-channel
MOSFET transistor to protect the module from shorts to
ground on the output, as shown in the full featured application
schematic (see Figure 15). A latched fault condition can be
cleared by pulling the EN pin low long enough for the V
CC pin
to drop below 4.1V (approximately 200ms), forcing the TIMR
pin to ground, or by a complete power cycle.
The LM3423 also includes an LED Ready (LRDY) flag to no-
tify the system that the LEDs are in proper regulation. The N-
channel MOSFET open drain LRDY pin is pulled low
whenever any of the following conditions are met: (1) V
CC
UVLO has engaged, (2) LED current is below regulation by
more than 20%, (3) LED current is above regulation by more
than 30% (over-current protection has engaged), (4) over-
voltage protection has engaged, (5) thermal limit protection
has engaged, or (6) the part has been latched off because of
a persistent fault condition. Note that the LRDY pin is pulled
low during startup of the device and remains low until the LED
current is in regulation.
Application Information
PREDICTIVE OFF-TIME TOPOLOGY
A History Lesson
Any clocked peak current mode converter has a right half
plane zero when duty cycles exceed 50%, often referred to
as “current mode instability” or “sub-harmonic oscillation”. In
this context the word “clocked” should be considered to be a
free running oscillator that starts a new “on” cycle with each
tick. The right half plane zero manifests itself by a long on-
time, short off-time cycle followed by a short on-time, long off-
time cycle.
This instability leads to high stress in the components, creates
large voltage and current ripple at half of the clocked frequen-
cy, and often becomes audible. Slope compensation is usu-
ally introduced into the control system to prevent this
instability. As the required duty cycle approaches unity, the
amount of required slope compensation increases accord-
ingly. Further complicating the problem, a boost converter
requires significantly more slope compensation than its buck
counterpart, thus becoming impractical for large voltage
transformation ratios. This translates to the necessity of lim-
iting the maximum duty cycle in a boost converter and thus
the voltage transformation ratio.
History Learned is Not Repeated
The LM3421/LM3423 controllers feature a different constant
frequency control scheme, called predictive off-time control.
This topology has several innate advantages:
By not being clocked it has no current mode instability at
any duty cycle.
Allows duty cycles and thus voltage transformation ratios
that would be impractical in a clocked current mode
system, especially in a boost topology.
Requires no slope compensation.
The only disadvantage is that synchronization to an external
reference frequency is generally not available. Synchroniza-
tion is “clocking” just like in an internal free running oscillator
and would reintroduce the right half plane zero unless it is
done with a phase locked loop.
SETTING THE SWITCHING FREQUENCY
For the boost, buck-boost, and SEPIC configurations, an ex-
ternal resistor connected between the RCT pin and the drain
of the main switching transistor, V
SW, in combination with a
capacitor C
T between the RCT and AGND pins, sets the
switching frequency. To set the operational frequency (f), the
R
T resistor and CT capacitor can be calculated from:
We recommend a value of 1nF for CT and using that value,
this simplifies the equation to:
The R
T resistor and CT capacitor should be located very close
to the device.
Buck Configuration
When the device is used to implement the buck topology the
control law is different. The internal circuitry of the device is
designed to run constant frequency in a boost, buck-boost or
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com