Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3421 Datasheet HTML 1Page - National Semiconductor (TI) LM3421 Datasheet HTML 2Page - National Semiconductor (TI) LM3421 Datasheet HTML 3Page - National Semiconductor (TI) LM3421 Datasheet HTML 4Page - National Semiconductor (TI) LM3421 Datasheet HTML 5Page - National Semiconductor (TI) LM3421 Datasheet HTML 6Page - National Semiconductor (TI) LM3421 Datasheet HTML 7Page - National Semiconductor (TI) LM3421 Datasheet HTML 8Page - National Semiconductor (TI) LM3421 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LM3423
LM3421
Name
Function
10
-
TIMR
Fault Timer: The fault timer is comprised of an external capacitor, an internal charging current
source, an internal discharge N-channel MOSFET, and a comparator that latches the fault
condition when the threshold voltage (1.24V) is exceeded.
11
-
LRDY
LED Ready status flag: This is an N-channel MOSFET open drain output which pulls down
whenever the LED current is not in regulation.
12
-
DPOL
Dim Polarity: Selects the polarity of the DIM driver output. Tie to V
CC or leave open for low
side dimming, tie to ground for high side dimming.
13
9
DDRV
External Dimming MOSFET Gate Drive: Gate driver output responding to nDIM input.
14
10
PGND
Power Ground: GATE and DDRV gate drive ground current return pin. This pin should be
connected via the circuit board to the AGND pin through the EP copper circuit board pad.
15
11
GATE
Main switching MOSFET gate drive output.
16
12
V
CC
Internal Regulator Bypass: 6.9V low dropout linear regulator output. Bypass with a 2.2µF–
3.3µF, ceramic type capacitor to PGND.
17
13
IS
Main Switch Current Sense input: This pin is used for current mode control and cycle-by-cycle
current limit. This pin can be tied to the drain of the main N-channel MOSFET switch for
R
DS(ON) sensing or tied to a sense resistor installed in the source of the same device.
18
14
RPD
Resistor Pull-Down: This is an open drain N-channel MOSFET which is used to pull-down the
low side of all external resistor dividers (V
IN UVLO, OVP). This pin allows for system “zero-
current” shutdown.
19
15
HSP
High Side Sense Positive: LED current sense positive input. An external resistor sets a
reference current flowing into this pin from the programmed high-side sense voltage. Although
the current into this pin can be set to values ranging from 10µA through 1mA, a value of 100µA
is recommended. This pin is a virtual ground whose potential is set by the voltage on the HSN
pin.
20
16
HSN
High Side Sense Negative: This pin sets the reference voltage for the HSP input. An external
resistor of the same value as that used on the HSP pin should be connected from this pin to
the negative side of the current sense resistor.
EP (21)
EP (17)
EP
EP: Star ground, connecting AGND and PGND. For thermal considerations please refer to
(Note 4) of the Electrical Characteristics table.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com