Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3421 Datasheet HTML 12Page - National Semiconductor (TI) LM3421 Datasheet HTML 13Page - National Semiconductor (TI) LM3421 Datasheet HTML 14Page - National Semiconductor (TI) LM3421 Datasheet HTML 15Page - National Semiconductor (TI) LM3421 Datasheet HTML 16Page - National Semiconductor (TI) LM3421 Datasheet HTML 17Page - National Semiconductor (TI) LM3421 Datasheet HTML 18Page - National Semiconductor (TI) LM3421 Datasheet HTML 19Page - National Semiconductor (TI) LM3421 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
bring the current down below the 30% high threshold and the
fault timer interval. For short timer intervals, the controller
simply shuts off in the fault lockdown mode. The user will ob-
serve the LEDs blink on once at power up should this condi-
tion exist. This overshoot of current can be prevented by
adding a control zero into the system as detailed in Figure 7.
Simply adding the shaded components eliminates this issue
(see Figure 8). Note that for many configurations these com-
ponents will not be required.
30067305
FIGURE 7. Boost LED Driver with Lead Compensation
30067372
I
LED = 1A nominal, VIN = 12V, VLED(s) = 20V, no lead compensation
Top trace: EN input, 1V/div, DC
Bottom trace: I
LED, 500mA/div, DC
T = 1ms/div
30067373
I
LED = 1A nominal, VIN = 12V, VLED(s) = 20V, with lead compensation
Top trace: EN input, 1V/div, DC
Bottom trace: I
LED, 500mA/div, DC
T = 1ms/div
FIGURE 8. Scope Plots for Startup With and Without Lead Compensation
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com