Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3421 Datasheet HTML 4Page - National Semiconductor (TI) LM3421 Datasheet HTML 5Page - National Semiconductor (TI) LM3421 Datasheet HTML 6Page - National Semiconductor (TI) LM3421 Datasheet HTML 7Page - National Semiconductor (TI) LM3421 Datasheet HTML 8Page - National Semiconductor (TI) LM3421 Datasheet HTML 9Page - National Semiconductor (TI) LM3421 Datasheet HTML 10Page - National Semiconductor (TI) LM3421 Datasheet HTML 11Page - National Semiconductor (TI) LM3421 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
30kHz PWM Dimming
(95% Duty Cycle ON)
30067369
I
LED = 1A nominal, VIN = 12V, VLED(s) = 20V
Top trace: nDIM input, 2V/div, DC
Bottom trace: I
LED, 500mA/div, DC
T = 10µs/div
30kHz PWM Dimming
(10% Duty Cycle ON)
30067370
I
LED = 1A nominal, VIN = 12V, VLED(s) = 20V
Top trace: nDIM input, 2V/div, DC
Bottom trace: I
LED, 500mA/div, DC
T = 10µs/div
30kHz PWM Dimming
(5% Duty Cycle ON)
30067371
I
LED = 1A nominal, VIN = 12V, VLED(s) = 20V
Top trace: nDIM input, 2V/div, DC
Bottom trace: I
LED, 500mA/div, DC
T = 10µs/div
As shown in the Average LED Current vs. PWM DIM Duty Cycle curve the current
drops at very low duty cycle. This is due to the fact that the switcher is shut off
during the LED off time. At low duty cycle the choke does not have time to get
the current up to the control setpoint. This can be looked on as an advantage in
that it allows a wider PWM control range, albeit not linear under about 7.5% duty
cycle (this transition point can be set over a limited range by component value
selection).
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com