Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3421 Datasheet HTML 7Page - National Semiconductor (TI) LM3421 Datasheet HTML 8Page - National Semiconductor (TI) LM3421 Datasheet HTML 9Page - National Semiconductor (TI) LM3421 Datasheet HTML 10Page - National Semiconductor (TI) LM3421 Datasheet HTML 11Page - National Semiconductor (TI) LM3421 Datasheet HTML 12Page - National Semiconductor (TI) LM3421 Datasheet HTML 13Page - National Semiconductor (TI) LM3421 Datasheet HTML 14Page - National Semiconductor (TI) LM3421 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
PROGRAMMING AVERAGE LED CURRENT
30067357
FIGURE 2. LED Current Sense Circuitry
This section serves to explain how the LM3421/LM3423 con-
trollers use the high-side sense amplifier to regulate average
LED current. Instructions for calculation of component values
are also covered.
The voltage at the CSH pin is regulated by the error amplifier
to be 1.235V. Understanding how average LED current is
regulated requires understanding the relationship between
the CSH voltage (V
CSH) and the sense voltage (VSENSE). This
is because V
SENSE and RSENSE directly set the average LED
current, I
LED.
The high side amplifier in Figure 2 forces its input terminals
to equal potential. Because of this, the V
SENSE voltage is
forced across the differential voltages across R
HSP and
R
HSN. In other words, the amplifier’s output P-MOSFET tran-
sistor pulls current through R
HSP until VHSP=VHSN, and this
occurs when the voltage (|V
RHSP| - |VRHSN|) is equal to
V
SENSE. So the current flowing down to the CSH pin is given
by:
And the voltage at the CSH pin is then given by:
So, the CSH voltage is the sense voltage (V
SENSE) gained up
by the ratio of R
CSH to RHSP. As stated previously, the control
system’s error amplifier regulates the CSH voltage (V
CSH) to
V
REF. So, using the above equation with some slight substi-
tution and rearranging, we can conclude the following:
This leads to the final equation that can be used to calculate
average LED current given any combination of resistor val-
ues:
The equation above shows how current in the LED relates to
the regulated voltage V
REF, which is 1.235V for the LM3421/
LM3423.
The selection of resistors is not arbitrary; for matching and
noise performance we suggest that the CSH current is 100µA.
This current does not flow in the LEDs and will not affect either
the off state LED current or the regulated LED current. The
CSH current can be above or below this value, but the high
side amplifier offset characteristics may be affected slightly.
In addition, to hold an initial 5% tolerance on the LED current,
R
SENSE should be selected to have at least 50mV across it at
the desired LED current (R
SENSE greater than or equal to
50mV / I
LED). The power dissipated in the sense resistor
(P
SENSE) is directly proportional to the sense voltage and the
sense resistor value: P
SENSE = ILED
2 x R
SENSE.
Design Example: The user desires 1A of average LED cur-
rent. 100mV is a typical starting point for V
SENSE, providing an
R
SENSE of 100mV/1A = 100mΩ. This will limit the power dis-
sipation in R
SENSE to 100mW while providing good regulation.
Once a standard component value has been selected for
R
SENSE, the value of the resistor in series with the HSP pin
(R
HSP) can be calculated. The signal current set up by RHSP
should be set for approximately 100µA at the desired LED
current.
A resistor of equal value should be placed in series with the
HSN pin to cancel out the effects of the input bias current
(~10µA) of both inputs of the high side sense amplifier. The
signal current (100µA) set up by the HSP resistor flows into
the HSP pin and is translated down to appear as a source
current from the CSH pin. The resistor from the CSH pin to
ground (R
CSH) would nominally be 12.4kΩ. This value is cho-
sen to convert the 100µA signal current representing the
average LED current to a voltage very close to 1.235V, the
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com