Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3421 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3421
Description  N-Channel Controllers for Constant Current LED Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3421 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3421 Datasheet HTML 13Page - National Semiconductor (TI) LM3421 Datasheet HTML 14Page - National Semiconductor (TI) LM3421 Datasheet HTML 15Page - National Semiconductor (TI) LM3421 Datasheet HTML 16Page - National Semiconductor (TI) LM3421 Datasheet HTML 17Page - National Semiconductor (TI) LM3421 Datasheet HTML 18Page - National Semiconductor (TI) LM3421 Datasheet HTML 19Page - National Semiconductor (TI) LM3421 Datasheet HTML 20Page - National Semiconductor (TI) LM3421 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Another method of limiting the turn on overshoot is the selec-
tion of the R
IS Resistor that is between the IS pin and PGND.
If the MOSFET channel resistance is used there is little that
can be done, but by using a separate sense resistor placed
in the source of the Mosfet (Please refer to Figure 13 for circuit
details) the peak input current can be set. Setting the peak
current at the peak input voltage sets the peak power inter-
cepted from the input during turn on. This sets the rate of rise
of voltage on the output capacitor, and consequently the
amount of overshoot seen as the control loop settles to its
programmed value.
SLOW SHUTDOWN FEATURE (FADE OUT)
In some applications, particularly automotive interior lighting,
it may be desirable for the LEDs to transition slowly to the off
state rather than abruptly shutting off. This can be easily ac-
complished with a few small and inexpensive external com-
ponents, as show in Figure 9.
30067361
FIGURE 9. LM3421/LM3423 Slow Shutdown Circuit
This circuit simply delays the shutdown on the EN pin and
slowly decreases the amount of current in the LEDs by de-
creasing the amount of current flowing out of the CSH pin,
which is directly proportional to the LED current as previously
discussed in the section titled PROGRAMMING AVERAGE
LED CURRENT.
DESIGN EXAMPLES
The following set of schematics show the LM3421/LM3423 in
various topology and feature set combinations. For more
complete schematics and associated Bills of Materials
(BoMs) and circuit board layouts, please see the application
notes associated with the various demonstration boards that
are available for these products.
30067331
FIGURE 10. LM3421 Boost Topology with High Speed Dimming
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com