Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 1 Page - STMicroelectronics

  L6756D Datasheet HTML 1Page - STMicroelectronics L6756D Datasheet HTML 2Page - STMicroelectronics L6756D Datasheet HTML 3Page - STMicroelectronics L6756D Datasheet HTML 4Page - STMicroelectronics L6756D Datasheet HTML 5Page - STMicroelectronics L6756D Datasheet HTML 6Page - STMicroelectronics L6756D Datasheet HTML 7Page - STMicroelectronics L6756D Datasheet HTML 8Page - STMicroelectronics L6756D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
October 2008
Rev 1
1/36
1
L6756D
2/3/4 phase buck controller
for VR10, VR11 and VR11.1 processor applications
Features
LTB Technology® enhances load transient
response
2 to 4 scalable phase operation
Dual-edge asynchronous architecture
PSI# input with programmable strategy
Imon output
Flexible driver support
7/8 bit programmable output - VR10/11.1 DAC
0.5% output voltage accuracy
Full-differential current sense across DCR
Integrated remote sense buffer
Feedback disconnection protection
Adjustable oscillator from 100 kHz to 1 MHz
LSLess startup to manage pre-biased output
Programmable soft-start
Threshold sensitive enable pin for VTT
Sensing
VFQFPN40 6x6 mm package
Applications
High-current VRM / VRD for desktop / server /
workstation CPUs
Graphic cards
Low-voltage, high-current power supplies
High-density DC / DC converters
Description
L6756D is a two-to-four phase controller designed
to power Intel’s most demanding processors and,
most in general, low-voltage, high-current power
supplies. The device features LTB Technology® to
provide the fastest response to load transients
thus minimizing the output
filter composition.
L6756D embeds selectable DAC: output voltage
is programmable up to 1.6000 V (Intel VR10 and
VR11.x DACs) managing DVID transitions with
±0.5% output voltage accuracy over line, load and
temperature variations.
The device assures fast protection against load
over current and under / over voltage. Feedback
disconnection prevents from damaging the load in
case of misconnections in the system board.
Low-side-less start-up allows soft-start over pre-
biased output avoiding dangerous current return
through the main inductors as well as negative
spike at the load side.
L6756D is available in VFQFPN 6x6 mm package
VFQFPN40 6x6 mm
Table 1.
Device summary
Order code
Package
Packing
L6756D
VFQFPN40
Tube
L6756DTR
VFQFPN40
Tape and reel
www.st.com


Similar Part No. - L6756D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
15-Feb-2008
L6756TR STMICROELECTRONICS-L6756TR Datasheet
48Kb / 3P
2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
15-Feb-2008
More results

Similar Description - L6756D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
February 14, 2007
logo
ON Semiconductor
NCP5382 ONSEMI-NCP5382 Datasheet
349Kb / 33P
2/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
March, 2007 ??Rev. 0
logo
STMicroelectronics
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
15-Feb-2008
logo
ON Semiconductor
NCP5381A ONSEMI-NCP5381A Datasheet
401Kb / 34P
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
August, 2006 ??Rev. 4
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5388 ONSEMI-NCP5388 Datasheet
334Kb / 34P
2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
April, 2007 ??Rev. 3
NCP5389 ONSEMI-NCP5389 Datasheet
478Kb / 28P
2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5391 ONSEMI-NCP5391 Datasheet
359Kb / 26P
2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
July, 2007 - Rev. 1
logo
Intersil Corporation
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com