Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 8Page - STMicroelectronics L6756D Datasheet HTML 9Page - STMicroelectronics L6756D Datasheet HTML 10Page - STMicroelectronics L6756D Datasheet HTML 11Page - STMicroelectronics L6756D Datasheet HTML 12Page - STMicroelectronics L6756D Datasheet HTML 13Page - STMicroelectronics L6756D Datasheet HTML 14Page - STMicroelectronics L6756D Datasheet HTML 15Page - STMicroelectronics L6756D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Electrical specifications
L6756D
12/36
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
3.2
Electrical characteristics
Symbol
Parameter
Value
Unit
VCC
to PGND
15
V
All other Pins to PGNDx
-0.3 to 3.6
V
Table 5.
Electrical characteristics
(VCC = 12 V ± 15 %, TJ = 0 °C to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-on
ICC
VCC supply current
25
mA
UVLOVCC
VCC turn-ON
VCC rising
9.75
V
VCC turn-OFF
VCC falling
7
V
Oscillator, soft-start and ENABLE
FSW
Main oscillator accuracy
185
200
215
kHz
Oscillator adjustability
ROSC = 33 kΩ
500
kHz
ΔV
OSC
PWM ramp amplitude
1.5
V
FAULT
Voltage at pin OSC
OV, UV latch active
3
3.6
V
SOFT-
START
TD1 - initial delay
1
2
3
ms
TD2 - RSS = 27 kΩ
400
500
600
μs
TD3 - VBOOT
100
200
300
μs
Boot voltage - VBOOT
1.026
1.081
1.136
V
EN
VEN rising
0.80
0.85
0.90
V
Hysteresis
100
mV
Reference and DAC
KVID
VOUT accuracy
VSEN to VCORE; FBG to GNDCORE
-0.5
0.5
%
IOS
OFFSET
VSEN = 0.5000 V to 1.6000 V
-40
-50
-60
μA
A0
EA DC gain
130
dB
SR
Slew rate
COMP to SGND = 10 pF
25
V/
μs
VIDIL
VID threshold,
Input low
0.3
V
VIDIH
Input high
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com