Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 23Page - STMicroelectronics L6756D Datasheet HTML 24Page - STMicroelectronics L6756D Datasheet HTML 25Page - STMicroelectronics L6756D Datasheet HTML 26Page - STMicroelectronics L6756D Datasheet HTML 27Page - STMicroelectronics L6756D Datasheet HTML 28Page - STMicroelectronics L6756D Datasheet HTML 29Page - STMicroelectronics L6756D Datasheet HTML 30Page - STMicroelectronics L6756D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
L6756D
Output voltage monitoring and protections
27/36
6.3
VR_RDY
It is an open-drain signal set free after the soft-start sequence has finished.
6.4
Over current
The over current threshold has to be programmed to a safe value, in order to be sure that
the system doesn't enter OC during normal operation. This value must take into
consideration also the extra current needed during the DVID transition (IDVID) and the
process spread and temperature variations of the sensing elements (inductor DCR).
Moreover, since also the internal threshold spreads, the design has to consider the
minimum/maximum value of the thresholds.
L6756D monitors the average current and allows to set the OC threshold by programming
RILIM. ILIM pin allows to define a maximum average output current for the system (IMAX). A
copy of the DROOP current is sourced from the ILIM pin. By connecting a resistor RILIM to
SGND, a load indicator with 1.7 V (VOC) end-of-scale can be implemented. This means that
when the voltage present at the ILIM pin crosses 1.7 V, the device detects an OC and
immediately latches with all the mosfets OFF (HiZ).
Typical design flow is the following:
Define the maximum average output current (IMAX) according to system
requirements
–Design RG resistor in order to have IINFOx = 35 μA when IOUT is about 10 % higher
than the IMAX current. It results:
where N is the number of phases and DCR the DC resistance of the inductors. RG
design must be typically performed in worst-case conditions.
–Design RILIM in order to have the ILIM pin to VOC at the desired IMAX current. It
results:
where IMAX is the OC threshold desired.
Adjust the defined values according to bench-test of the application.
Note:
OC intervention can be delayed by adding a capacitor in parallel to the above defined RILIM.
R
G
1.1 I
MAX
() DCR
NI
OCTH
------------------------------------------------
=
R
ILIM
V
OCAVG
R
G
I
MAX
DCR
-----------------------------------
1.7V R
G
I
MAX
DCR
------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com