Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 25Page - STMicroelectronics L6756D Datasheet HTML 26Page - STMicroelectronics L6756D Datasheet HTML 27Page - STMicroelectronics L6756D Datasheet HTML 28Page - STMicroelectronics L6756D Datasheet HTML 29Page - STMicroelectronics L6756D Datasheet HTML 30Page - STMicroelectronics L6756D Datasheet HTML 31Page - STMicroelectronics L6756D Datasheet HTML 32Page - STMicroelectronics L6756D Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
L6756D
Main oscillator
29/36
8
Main oscillator
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 200 kHz: the resulting switching frequency at the load
side results in being multiplied by N (number of configured phases).
The current delivered to the oscillator may be varied using an external resistor (ROSC)
typically connected between the OSC pin and SGND. Since the OSC pin is fixed at 1.24 V,
the frequency is varied proportionally to the current sunk from the pin considering the
internal gain of 10 kHz/
μA (See Figure 13).
Connecting ROSC to SGND the frequency is increased (current is sunk from the pin),
according to the following relationships:
Figure 13.
ROSC vs. switching frequency per phase
F
SW
200kHz
1.240V
R
OSC kΩ
()
---------------------------- 10
kHz
μA
-----------
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com