Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 26Page - STMicroelectronics L6756D Datasheet HTML 27Page - STMicroelectronics L6756D Datasheet HTML 28Page - STMicroelectronics L6756D Datasheet HTML 29Page - STMicroelectronics L6756D Datasheet HTML 30Page - STMicroelectronics L6756D Datasheet HTML 31Page - STMicroelectronics L6756D Datasheet HTML 32Page - STMicroelectronics L6756D Datasheet HTML 33Page - STMicroelectronics L6756D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
System control loop compensation
L6756D
30/36
9
System control loop compensation
The control system can be modeled with an equivalent single-phase converter which only
difference is the equivalent inductor L/N (where each phase has an L inductor and N is the
number of the configured phases). See Figure 14.
Figure 14.
Equivalent control loop
The control loop gain results (obtained opening the loop after the COMP pin):
Where:
RLL is the equivalent output resistance determined by the droop function (Voltage
positioning);
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR)
and the applied load RO;
ZF(s) is the compensation network impedance;
ZL(s) is the equivalent inductor impedance;
A(s) is the error amplifier gain;
is the PWM transfer function.
The Control Loop gain is designed in order to obtain a high DC gain to minimize static error
and to cross the 0 dB axes with a constant -20 dB/dec slope with the desired crossover
frequency
ω
T. Neglecting the effect of ZF(s), the transfer function has one zero and two
poles; both the poles are fixed once the output filter is designed (LC filter resonance
ω
LC)
and the zero (
ω
ESR) is fixed by ESR and the droop resistance.
G
LOOP s
()
PWM Z
F s
() R
LL
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
--------------
1
1
As
()
------------
+
⎝⎠
⎛⎞
R
FB
+
-------------------------------------------------------------------------------------------------------------------
=
PWM
6
10
------
V
IN
ΔV
OSC
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com