Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 6Page - STMicroelectronics L6756D Datasheet HTML 7Page - STMicroelectronics L6756D Datasheet HTML 8Page - STMicroelectronics L6756D Datasheet HTML 9Page - STMicroelectronics L6756D Datasheet HTML 10Page - STMicroelectronics L6756D Datasheet HTML 11Page - STMicroelectronics L6756D Datasheet HTML 12Page - STMicroelectronics L6756D Datasheet HTML 13Page - STMicroelectronics L6756D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Pins description and connection diagrams
L6756D
10/36
28
CS4
Channel 4 current sense positive input. Connect through an R-C filter to the
phase-side of the channel 4 inductor. When working at 2 or 3 phase, short to
the regulated voltage.
29
DRVON
External driver enable. CMOS output used to control the external driver status:
pulled-low to manage HiZ conditions or pulled-high for normal driver switching.
30 to
33
G1 to G4
PWM outputs. Connect to external drivers PWM inputs. The device is able to
manage HiZ status by setting the pins floating.
By shorting to GND G4 or G2 and G4, it is possible to program the device to
work at 3 or 2 phase respectively.
34
VREF
This pin provide a 2.5 V reference. Filter with 1 nF (max) to SGND.
35
GND
All the internal references are referred to this pin. Connect to the PCB signal
ground.
36
VCC
Device power supply.
Operative voltage is 12 V ±15 %. Filter with at least 1
μF MLCC vs. ground.
37
VR_RDY
Open drain output set free after SS has finished and pulled low when triggering
any protection. Pull up to a voltage lower than 3.3 V (typ), if not used it can be
left floating.
38
LTB_GAIN
Load transient boost technology
® gain pin. See Section 9.2 for details.
39
PSI_A
PSI action configuration pin.
This pins configures the functionality of the PSI# / VR10 pin according to
Table 9 as follow:
VR10: Short to SGND to configure the VID_SEL functionality. The controller
will not manage low power-states but will be backward compatible with VR10 /
VR11 platforms.
PSI#: The device will work in VR11 mode and perform low power-states
management through the PSI# pin. See Section 7 for details.
40
IMON
Current monitor output. A current proportional to the read current is sourced
from this pin. Connect through a resistor RMON to FBG to implement a load
indicator. Connect the load indicator directly to VR11.1 CPUs.The pin voltage
is clamped to 1.1V max to preserve the CPU from excessive voltages.
Thermal pad
Thermal pad connects the silicon substrate and makes good thermal contact
with the PCB. Connect to the PGND plane.
Table 2.
Pin description (continued)
Pin#
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com