Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 28Page - STMicroelectronics L6756D Datasheet HTML 29Page - STMicroelectronics L6756D Datasheet HTML 30Page - STMicroelectronics L6756D Datasheet HTML 31Page - STMicroelectronics L6756D Datasheet HTML 32Page - STMicroelectronics L6756D Datasheet HTML 33Page - STMicroelectronics L6756D Datasheet HTML 34Page - STMicroelectronics L6756D Datasheet HTML 35Page - STMicroelectronics L6756D Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
System control loop compensation
L6756D
32/36
Note:
The introduction of a capacitor (CI) in parallel to RFB significantly speeds-up the transient
response by coupling the output voltage dV/dt on the FB pin so using the error amplifier as a
comparator. The COMP pin will suddenly reacts and, also thanks to the LTB Technology®
control scheme, all the phases can be turned on together to immediately give to the output
the required energy. Typical design considers to start from values in the range of 100pF
validating the effect by bench testing. Additional series resistor (RI) can also be used.
9.2
LTB Technology®
LTB Technology® further enhances the performances of dual-edge asynchronous systems
by reducing the system latencies and immediately turning ON all the phases to provide the
correct amount of energy to the load. By properly deigning the LTB network as well as the
LTB gain, the undershoot and the ring-back can be minimized also optimizing the output
capacitors count.
LTB Technology® monitors the output voltage through a dedicated pin detecting Load-
Transients with selected dV/dt, it cancels the interleaved phase-shift, turning-on
simultaneously all phases. it then implements a parallel, independent loop that reacts to
Load-Transients bypassing E/A latencies.
LTB Technology® control loop is reported in Figure 16.
Figure 16.
LTB Technology® control loop
The LTB detector is able to detect output load transients by coupling the output voltage
through an RLTB - CLTB network. After detecting a load transient, the LTB ramp is reset and
then compared with the COMP pin level. The resulting duty-cycle programmed is then OR-
ed with the PWMx signal of each phase by-passing the main control loop. All the phases will
then be turned-on together and the EA latencies results bypassed as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com