Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 19Page - STMicroelectronics L6756D Datasheet HTML 20Page - STMicroelectronics L6756D Datasheet HTML 21Page - STMicroelectronics L6756D Datasheet HTML 22Page - STMicroelectronics L6756D Datasheet HTML 23Page - STMicroelectronics L6756D Datasheet HTML 24Page - STMicroelectronics L6756D Datasheet HTML 25Page - STMicroelectronics L6756D Datasheet HTML 26Page - STMicroelectronics L6756D Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
L6756D
Output voltage positioning
23/36
5.5
Dynamic VID transitions
L6756D manages dynamic VID transitions that allow the output voltage to modify during
normal device operation for CPU power management purposes. OV and UV signals are
properly masked during every DVID Transition and they are re-activated with a 16 clock
cycle delay to prevent from false triggering.
When changing dynamically the regulated voltage (DVID), the system needs to charge or
discharge the output capacitor accordingly. This means that an extra-current IDVID needs to
be delivered (especially when increasing the output regulated voltage) and it must be con-
sidered when setting the over current threshold of both the sections. This current results:
where dVOUT / dTVID depends on the operative mode (typically externally driven).
Dynamic VID transition is managed by checking for VID code modifications (See Figure 8)
on the rising edge of an internal additional DVID-clock and waiting for a confirmation on the
following falling edge. Once the new code is stable, on the next rising edge, the reference
starts stepping up or down in LSB increments every two DVID-clock cycle until the new VID
code is reached.
DVID-clock frequency (FDVID) is 1 MHz (Typ).
Caution:
Overcoming the OC threshold during the DVID causes the device latch and disable.
Caution:
If the new VID code is more than 1 LSB different from the previous, the device will execute
the transition stepping the reference with the DVID-clock frequency FDVID until the new code
has reached. The output voltage rate of change will be of [LSB]mV * FDVID!
Figure 8.
DVID transitions
I
DVID
C
OUT
dV
OUT
dT
VID
------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com