Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6756D Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 20Page - STMicroelectronics L6756D Datasheet HTML 21Page - STMicroelectronics L6756D Datasheet HTML 22Page - STMicroelectronics L6756D Datasheet HTML 23Page - STMicroelectronics L6756D Datasheet HTML 24Page - STMicroelectronics L6756D Datasheet HTML 25Page - STMicroelectronics L6756D Datasheet HTML 26Page - STMicroelectronics L6756D Datasheet HTML 27Page - STMicroelectronics L6756D Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Output voltage positioning
L6756D
24/36
5.6
Soft-start
L6756D implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required to the input power supply. During this phase, the device increases
the reference from zero up to the programmed reference in closed loop regulation. Soft-start
is implemented only when all the power supplies are above their own turn-on thresholds and
the EN pin is set free. At the end of the digital soft-start, VR_RDY signal is set free.
Soft-start phase is initiated with a T1 = 2 ms (min) delay. After that, the reference ramps up
to VBOOT = 1.081 V in T2 according to the RSS settings and waits for T3 = 200 μsec (typ)
during which the device reads the VID lines. Output voltage will then ramps up to the
programmed value in T4 with the same slope as before (See Figure 9).
SS sets the output voltage dv/dt during soft-start according to the resistor RSS connected to
SGND. soft-start time TSS will proportionally change with a gain of 18.52 [µs / kΩ]. Connect
27 k
Ω resistor to program T2 = 500 µs.
Protections are active during soft-start, UVP is enabled after the reference reaches 0.5 V
while OVP is always active with a fixed 1.24 V threshold before VBOOT and with the
threshold coming from the VID after VBOOT (See red-dashed line in Figure 9).
Note:
If during T3 the programmed VID selects an output voltage lower than VBOOT, the output
voltage will ramp to the programmed voltage starting from VBOOT.
Note:
The VID code is checked at the end of T3. In case the device is enabled over an OFF code,
the output voltage will rise up to VBOOT and then device will latch. VID lines does not show
any pull-up and/or pull-down before T3.
Figure 9.
Soft-start timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com