Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2701 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Block Diagram
2
1x Mode LDO
1 5x Charge Pump
()
.
Mode
Control
VOUT
C
O
1μF
20mA
LED1
LED2
LED3
LED4
4 Current
Sink Regulators
R
24KΩ
SET
CTR0
CTR1
CTR2
LED
Output
Select
1 2V Ref
.
VIN
C
1μF
IN
C1
C1
C2
C2
-+
-
+
1μF
1μF
RSET
EN
Current
Setting
1MHz
Oscillator
Table 1:LED Enable Logic
Control Lines
LED Outputs
CTR2
CTR1
CTR0
LED4
LED3
LED2
LED1
000
-
-
-
ON
001
-
-
ON
-
010
-
ON
-
-
011
ON
-
-
-
1
0
0
-
-
ON
ON
101
-
ON
ON
ON
1
1
0
ON
ON
ON
ON
111
-
-
-
-
Note:1=logic high(or V )
0=logic low(or GND)
- =LED output off
IN
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com