Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Application Information
Detailed Description
As shown in the block diagram on page 2, the
main components within the PAM2701 include a
fractional charge pump, mode selection circuit,
output selection logic, LED current setting
detection circuit, and 4 current sense circuits.
The fractional charge pump multiplies the input
voltage a multiple of 1X and 1.5X times the input
voltage. The charge pump switches at a fixed
1MHz when the mode is 1.5X. The charge pump
does not switch during 1X mode, saving power
and improving efficiency.
The mode selection circuit automatically selects
the mode as 1X or 1.5X based on circuit
conditions such as LED voltage, input voltage
and load current. 1X is the more efficient mode
than 1.5X mode.
Table 1 on page 2 shows the output selection
logic control over the LED outputs for on and off
functions with 8 different output states.
The current set and detection circuit uses an
external resistor and a 1.20V reference to
program the LED current.
4 current regulating circuits sink matched
currents from the LEDs. LEDs with matched
forward voltage will produce the best possible
matched
currents.
For
best
m atching
performance it is recommended that the Vf
between LEDs be under 250mV.
The unused LED channels can be turned off by
CTR0, CTR1 and CTR2, and connecting the
respective LED pins to VOUT pin, in which case,
the corresponding LED driver sink current is only
about 20 A.
There are 4 methods for setting and adjusting the
LED current outlined here. The methods are:
1)
R
only
2)
Analog Reference V
3)
PWM Input at CTR0
4)
PWM Input at EN
The most basic means of setting the LED current
is connecting a resistor from R
to GND, as
shown in the application circuit on Page 1.
The resistor R
establishes the reference
current needed for a constant LED current.
Values of R
for a fixed LED current are given in
Table 2, “Typical R
Resistance vs. LED
Current”.
Table 2: R
Resistance Selection
example circuit is shown in Figure
1, employing a 14.7k resistor and an analog input
DC voltage, V
, which varies from 1.2V to 0V to
control LED current from 1mA to 30mA. Table 3
shows the resulting output. If necessary, the
analog V
voltage can be sourced from a
voltage higher than 1.20V, but the source must
be divided down so that the V
mode will not
exceed 1.20V. For lower current and higher
resolution
, a larger resistor may be
used instead. PWM applications are also
possible with this circuit by application of RC
filtering (Consult with PAM for detail application
support).
μ
Methods for Setting LED Current
SET
SET
SET
SET
SET
SET
SET
SET
SET
SET
Method 1: LED Current Setting with an
External Resistor R
Method 2: LED Current Setting with a DC
Voltage to RSET Pin
SET
Method 2 is for setting the LED current to control
brightness. An
applications
ILED(mA)
RSET(kΩ)
Standard
Value (kΩ)
Value %
Difference
30
14.7
14.7
0..0%
20
21.8
22.0
0.9%
15
29.3
29.4
0.3%
10
44.1
44.2
0.2%
9
49.4
49.9
1.0%
8
55.7
56.0
0.5%
7
64.2
63.4
0.3%
6
75.0
75.0
0.0%
5
90.0
88.7
-0.3%
4
114.2
115.0
0.7%
3
156.5
158.0
0.9%
2
238.0
237.0
-0.4%
1
540.0
536.0
-0.7%
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com