Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information
11
PCB Layout
When the driver is in the 1.5X charge pump
mode, the 1MHz switching frequency operation
requires to minimize the trace length and
impedance to ground on all 4 capacitors. A
ground plane should cover the area on the
bottom side of the PCB opposite to the IC and the
bypass capacitors. Capacitors C and Co should
be short connected to ground with multiple vias
as shown on Figure4.
Square copper area matches the QFN 16
exposed pad (GND) which is connected by a
trace to the pin 12 pad (GND). A large via
(metalized hole) centered in the square pad
provides a low impedance connection to the
ground plane on the opposite side of the PCB and
allows the heat dissipation of the LED driver to
achieve excellent thermal performance.
Figure 4: PCB layout
IN
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com