Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2701 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
Applications
n
n
n
n
n
n
n
n
n
n
n
Peak Efficiency: 90%
Individual Current Regulation
3-bit Digital Output Control
Two modes of operation:1x and 1.5x
Current Matching with a Max Tolerance
of 3%
Output Current up to 30mA per LED
Total LED Current up to 4*30mA=120mA
Fixed Frequency of 1MHz
Open LED Protection
Space Saving Package QFN 3mmx3mm
and QFN 4mmx4mm
Pb-Free Package
Cellular Phones
LED Backlighting
LCD Modules
Handheld Devices
Digital Cameras
PDAs
PMPs
MP3 Players
The PAM2701 is a 4-channel charge pump white
LED driver, capable of driving up to 4 LEDs in
parallel. The device operates in either 1x mode or
1.5x fractional mode, and it can switch from 1x
mode to 1.5x mode automatically when the input
voltage decreased. Its internal 4 current sink
regulators ensure both the LED current matching
and the brightness uniformity. The LED current
can be programmed by an external resistor, R
,
connected between the RSET pin and ground.
LED current of up to 30mA are supported by the
input supply voltage over a range of 2.7V to 5.5V,
making the device optimized for Li-Ion battery
applications.
The PAM2701 has a fixed switching frequency of
1MHz, allowing the use of very small value
ceramic capacitors. The enable input pin allows
the device to be set in shutdown mode, and the
current consumption is reduced to less than 1μA.
LED dimming can be done by several methods
including using a DC voltage to set the RSET pin
current, adding a switched resistor in parallel with
R
or applying a PWM signal to CTRx pin or EN
pin.
n
n
n
n
n
n
n
n
Description
SET
SET,
Typical Application
PAM2701
4-Channel Regulated Charge Pump White LED Driver
,
Power Analog Microelectronics Inc
1
www.poweranalog.com
PAM2701
EN
Control 0
Control 1
Control 2
C
1μF
IN
V
IN
1μF
1μF
Co
1μF
20mA
R
24kΩ
SET
C1
C1
C2
C2
VIN
VOUT
EN
CTR0
LED1
CTR1
LED2
CTR2
LED3
RSET
LED4
GND
+-
+-
1
2
3
4
5
6
7
8
910
11
12
13
14
15
16
09/2008 Rev 1.3


Similar Part No. - PAM2701

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM27ST2324LC PROTEC-PAM27ST2324LC Datasheet
490Kb / 7P
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PAM2701

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604 Datasheet
616Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3604 CATALYST-CAT3604_08 Datasheet
411Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
4-Channel Regulated Charge Pump White LED Driver
logo
Exar Corporation
SP6887 EXAR-SP6887 Datasheet
745Kb / 10P
4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
logo
ON Semiconductor
CAT3604 ONSEMI-CAT3604 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver TQFN-16 HV4 SUFFIX
February, 2010 ??Rev. 1
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
229Kb / 11P
4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com