Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2701 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
7. Output Voltage vs Input Voltage
0
1
2
3
4
5
6
7
2.8
3.1
3.4
3.7
4
4.3
Input Voltage (V)
1X Mode
1.5X Mode
8. Output Resistance vs Input Voltage
1
1.5
2
2.5
3
3.5
4
4.5
2.8
3.1
3.4
3.7
4
4.3
Input Voltage (V)
1X Mode
,IO=100mA
1.5X Mode
,IO=100mA
9. LED Current Setting Using the External
Resistor R
SET
LED Current vs R
Resistance
SET
10.LED Current Setting Using a DC Voltage
to RSET Pin
LED Current vs Analog Control Voltage
0
5
10
15
20
25
30
35
0
0.3
0.6
0.9
1.2
Analog Control Voltage (V)
11.LED Current Setting Using a PWM Signal to EN Pin
LED Current vs Duty Cycle @ f=100Hz
0
5
10
15
20
25
30
35
0
2040
6080
100
PWM Duty Cycle (%)
VIN=4.2V
VIN=3.2V
LED Current vs Duty Cycle @ f=1KHz
0
5
10
15
20
25
30
35
0
20406080
100
PWM Duty Cycle (%)
VIN=4.2V
VIN=3.2V
Typical Characteristics
0
5
10
15
20
25
30
35
0
100
200
300
400
500
600
RSET Resistance (KΩ)
R
SET
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com