Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2701 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Pin Configuration & Marking Information
QFN 3mmx3mm/4mmx4mm
X: Internal Code
A: Assembly Code
T: Testing Code
Y: Year
W: Week
P2701
XAT YW
1
2
3
4
5678
12
11
10
9
16 15
14
13
Pin Number
Name
Function
1
EN
Enable Input, Active High
2
CTR0
Digital Control Input 0
3
CTR1
Digital Control Input 1
4
CTR2
Digital Control Input 2
5
RSET
Set Resistance
6
VOUT
Charge pump output connected to the LED anodes
7VIN
Supply Voltage
8
C1+
Bucket Capacitor 1 Terminal
9
C1-
Bucket Capacitor 1 Terminal
10
C2-
Bucket Capacitor 2 Terminal
11
C2+
Bucket Capacitor 2 Terminal
12
GND
Ground Reference
13
LED4
LED4 Cathode Terminal
14
LED3
LED3 Cathode Terminal
15
LED2
LED2 Cathode Terminal
16
LED1
LED1 Cathode Terminal
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com