Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2701 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristic
T
25
V
3.5V, C =C =1μF,
AIN
IN
O
=,
=
unless otherwise noted
.
°C
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
2.7
5.5
V
Shutdown Current
ISD
VEN=0V Shutdown Mode
0.05
1
μA
1x Mode, No Load
0.6
1.2
mA
Quiescent Current
IQ
1.5x Mode, No Load
2.5
5
mA
RSET Regulated Voltage
V
RSET
1.19
1.23
1.25
V
Programmed LED Current
I
LED
RSET=90kΩ
RSET=29.3kΩ
RSET=14.7kΩ
5.0
15.0
30.0
mA
mA
mA
LED Current Accuracy
ILED-ACC
±5
%
LED Channel Matching
ILED-DEV
(ILED-ILEDAVG)/ILEDAVG
±3
%
Output Resistance (Open Loop)
RO
1x Mode, IO=100mA
1.5x Mode, IO=100mA
1.7
4.3
Ω
Ω
Charge Pump Frequency
fOSC
1.0
MHz
VIN at Mode Transition from 1x
to 1.5x
VIN-Tran
ILED=15mA
ILED=20mA
3.45
3.60
V
V
1x to 1.5x Mode Transition
Dropout Delay
TDROP
10
μs
Input Leakage Current
IEN-CTR
On Inputs EN,CTR0,1&2
1
μA
High Detect Threshold
VEN-CTRH
On Inputs EN,CTR0,1&2
1.5
V
Low Detect Threshold
VEN-CTRL
On Inputs EN,CTR0,1&2
0.4
V
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com