Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2701 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
VIN VOUT LEDx Pin Voltage.........-
EN CTRx Pin Voltage.......................-
to V
RSET Pin Voltage.............................
Ambient Temperature Range........-
to
ESD Ratings
Human Body Model HBM).........................2000V
,,
,
(
0.3V to 6.6V
40
85
IN
0.3V
.-0.3V to V
°C
°C
Storage Temperature Range.........-65°C to 150°C
°C
IN
Lead Temperature......................................300
Recommended Operating Conditions
V ...................................................2.7V to 5.5V
IN
Max. Supply Voltage (for Max. duration of
30 minutes)................................................6.4V
°C
°C
Input/Output/Bucket Capacitors....1±20%μF(TYP.)
Ambient Temperature.....................-40
to 85
I
per LED...................................0mA to 30mA
LED
Thermal Information
,
Power Analog Microelectronics Inc
Parameter
Symbol
Package
Maximum
Unit
QFN 3*3mm
34
Thermal Resistance
(Junction to Ambient)
θJA
QFN 4*4mm
25
°C/W
QFN 3*3mm
2.9
Power Dissipation
,PD@TA=25℃
PD
QFN 4*4mm
4.0
W
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com