Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2701 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2701 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Typical Characteristics
V = 3.6V, EN = V , R
= 24kΩ, C =C =1μF,T = 25°C,
noted.
IN
IN
SET
IN
O
A
unless otherwise
1. Efficiency vs Input Voltage (4 LEDs)
40
50
60
70
80
90
100
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
20mA per LED
15mA per LED
2. Efficiency vs Output Current (4 LEDs)
40
50
60
70
80
90
100
10
40
70
100
130
160
Output Current (mA)
VIN=3.2V
VIN=4.2V
3. LED Current vs Input Voltage (4 LEDs)
10
12
14
16
18
20
22
24
2.8
3.1
3.4
3.7
4
4.3
Input Voltage (V)
15mA per LED
20mA per LED
4. Supply Current vs Input Voltage (4 LEDs)
0
20
40
60
80
100
120
140
2.4
3
3.6
4.2
4.8
5.4
Input Voltage (V)
15mA per LED
20mA per LED
5. Ground Current vs Input Voltage
0.00
0.50
1.00
1.50
2.00
2.50
3.00
2.8
3.1
3.4
3.7
4
4.3
Input Voltage (V)
1X Mode
1.5X Mode
6. Oscillator Frequency vs Input Voltage
0.9
0.95
1
1.05
1.1
2.8
3.2
3.6
4
4.4
Input Voltage (V)
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.3
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com