Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2842 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Block Diagram
+
GM
-
-
PWM
+
Comparator
OV
SW
PWM Logic
And Driver
+
-
PGND
Adjustable
Oscillator
Shutdown And
Soft-start
Sense+
Σ
Ramp
Generator
EN
COMP
CS
RT
100mV
Reference
PGND
SW
HVIN
LDO1
LDO2
VDD_5V
VDD-DR
AGND
Sense-
FB
PAM2842
High Power LED Driver
3
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com