Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2842 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin Configuration & Marking Information
4
X: Internal Code
Y: Year
WW: Week
LL: Internal Code
,
Power Analog Microelectronics Inc
PAM2842
High Power LED Driver
www.poweranalog.com
Pin Number
QFN 6x6-40
TSSOP-20
Name
Description
1-6
1,2,3,4,10,11
PGND
Power Ground
8
5
HVIN
Input
9
6
EN
Chip Enable, Active High
10
7
VDD-DR
Internal LDO Output
12
8
RT
Frequency Adjustment Pin
13
9
AGND
Analog Ground
14
12
Sense-
Sense resistor -
15
13
Sense+
Sense resistor +
17
14
COMP
Compensation Node
21
15
VDD_5V
Internal LDO Output
23
16
OV
Over Voltage
25-30
17,18,19
SW
Drain of Main Switch.
7,11,16,18-20,22,24,31-40
20
NC
No Connect
TOP View
TSSOP-20
1
2
3
4
5
6
7
20
19
18
17
16
15
14
8
9
10
13
12
11
09/2008 Rev 1.1
Top View
6mm*6mm QFN
1
2
3
4
5
6
7
8
9
10
PGND
PGND
PGND
PGND
PGND
PGND
NC
HVIN
EN
VDD-DR
13
14
15
16
17
18
19
20
21
22
23
24
VDD_5V
NC
OV
NC
SW
25
26
27
28
29
30
31
32
33
34
35
36
SW
SW
SW
SW
SW
37
38
39
40
PAM2842
XXXYWWLL
PGND
PGND
PGND
PGND
PGND
PGND
HVIN
EN
VDD-DR
AGND
Sense-
Sense+
COMP
RT
VDD_5V
NC
OV
SW
SW
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com