Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM2842 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
,
Power Analog Microelectronics Inc
PAM2842
High Power LED Driver
Typical Performance Characteristic
Boost mode, V =V =24V, 3W LED, Fsw=200kHz, T =25
unless otherwise noted
EN
DD
A
.
°C,
www.poweranalog.com
1.
Input Voltage
(Po=30W, 10X3W LEDs)
Efficiency vs
2. Shutdown Current vs Input Voltage
3. Quiescent Current vs Input Voltage
09/2008 Rev 1.1
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
Input Voltage (V)
93%
94%
95%
96%
97%
98%
10
15
20
25
30
Input Voltage (V)
4. Output Current vs Input Voltage
(10X3W LEDs)
0
100
200
300
400
500
600
700
800
10
15
20
25
30
Input Voltage (V)
Low side Current sense
High side Current sense
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
Input Voltage (V)
Switching
No Switching
5. Output Current vs Temperature
(V =12V, Load=10X3W LEDs)
IN
400
450
500
550
600
650
700
750
800
0
2040
6080
100
Ambient Temperature (
℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com