Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM2842 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 15Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 16Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Q1
2N7002
COMP
PAM2842
PW M signal
Ton
Toff
PAM2842
High Power LED Driver
12
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.1
l
l
l
Method 1: LED Current Setting with Resistor
Rsense
Method 2: LED Current Setting with PWM
Signal Using COMP Pin
Figure 1. PWM Dimming Use COMP Pin
Method 3: LED Current Setting with PWM
Signal using Sense Pin
Figure 2. PWM Dimming Use Sense Pin in Low
Side Current Sense
Figure 3. PWM Dimming Use Sense Pin in High
Side Current Sense
The most basic means of setting the LED current
is connecting a resistor between Rsense+ and
Rsense-. The LED current is decided by ISET
Resistor Rsense.
I
=0.1/ R
For flowing the large current, must pay attention
to power dissipation on the resistor.
Rsense has two position to select: high side
current sense and low side current sense. In buck
topology it just has high side current sense. In
other topology we recommend use low side
current sense for easier PCB layout.
This circuit uses resistor Rsense to set the on
state current and the average LED current, then
proportional to the percentage of off-time when
the COMP pin is logic high. Here use a invert
component 2N7002 (Q1) to isolate and invert the
PWM signal (See Figure 1).
Average LED current is approximately equal to:
Also, the recommended PWM frequency is
between 100Hz and 200Hz.
Frequency <100Hz can cause the LEDs to blink
visibly. As the COMP pin connects to a capacitor,
it needs rise time. If frequency >200Hz, the
average LED current will have a large error when
duty cycle is small (<50%).
It maybe generate the audible noise in this
dimming condition.
This method is turn PWM signal to DC voltage, the
output current can be adjusted. Because the LED
current is a adjustable DC value, it will cause LED
color drift.
Low side current sense and high side current
sense circuit is different. Please see Figure 2 and
3. It use the internal reference voltage, so PWM
dimming signal voltage is not considered, just
meet the request of the MOSFET driving voltage.
The RC filter (R1,R2,C1,C2) value is decided by
dimming frequency, the divider resistor (R3,R4) is
decided by dimming range.
Because final adjusted is a DC value, this method
can avoid audible noise effectively and achieve
better EMI performance than the second method.
LED
sense
OFF LED
AVG
ON
OFF
TI
I
TT
=
+
R1
R2
R3
R4
C1
C2
D1
Q1
RSense
VDD_5V
Sense+
RTN
PWM-DIM
R1
R3
R4
C1
D1
Q1
RSense
VDD_5V
Sense-
Vo
PWM-DIM
R5
Sense+
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com