Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM2842 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PAM2842
High Power LED Driver
Typical Performance Characteristic
Fsw=300kHz, T =25°C, unless otherwise noted
A
.
9
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.1
0
50
100
150
200
250
300
350
400
0
2040
6080
100
Duty Cycle (%)
9. LED Current vs Duty Cycle
(PWM=100Hz, in Dimming State)
10. Start up and Shutdown
5. Output Current vs Input Voltage
(Sepic mode, 1W LED),
6. Efficiency vs Input Voltage
(Sepic mode, 1W LED),
0
50
100
150
200
250
300
350
400
5
101520
Input Voltage (V)
5*1W
4*1W
3*1W
2*1W
1*1W
81%
82%
83%
84%
85%
86%
87%
88%
89%
90%
5
7
9
111315
1719
Input Voltage (V)
5*1W
4*1W
3*1W
2*1W
1*1W
Vout
EN
Vcomp
70%
75%
80%
85%
90%
95%
100%
5
101520
25303540
Input Voltage (V)
1*3W
2*3W
3*3W
8. Efficiency vs Input Voltage
(Buck mode, 3W LED),
7. Output Current vs Input Voltage
(Buck mode, 3W LED),
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
5
101520
25303540
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com