Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2842 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage.............................................40V
Output Current................................................1A
I/O Pin Voltage Range.........GND-0.3V to V +0.3V
Storage Temperature................
Maximum Junction Temperature..................150 C
Soldering Temperature.......................300 C, 5sec
DD
O
O
.....-40 C to 125 C
OO
Recommended Operating Conditions
Supply Voltage Range.........................5.5V to 40V
Operation Temperature Range..........-40 C to 85 C
Junction Temperature Range.........
C
OO
.-40 C to 150
OO
Thermal Information
5
,
Power Analog Microelectronics Inc
PAM2842
High Power LED Driver
www.poweranalog.com
Parameter
Symbol
Package
Maximum
Unit
TSSOP
20
Thermal Resistance
(Junction to Case)
θJC
QFN 6mm*6mm
7.6*
TSSOP
90
Thermal Resistance
(Junction to Ambient)
θJA
QFN 6mm*6mm
18.1*
°C/W
09/2008 Rev 1.1
*The Exposed PAD must be soldered to a thermal land on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com