Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2842 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PAM2842
High Power LED Driver
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.1
Chose
I =0.4I
so
An input capacitor is required to reduce the input
ripple and noise for proper operation of the
PAM2842. For good input decoupling, Low ESR
(equivalent series resistance) capacitors should
be used at the input. At least 10 F input capacitor
is recommended for most applications. And close
the IC Vin-Pin we should add a bypass capacitor,
usually use a 1 F capacitor.
A minimum output capacitor value of 10 F is
recommended
under
normal
operating
conditions, while a 22 F or higher capacitor may
be required for higher power LED current. A
reasonable value of the output capacitor depends
on the LED current. The total output voltage ripple
has two components: the capacitive ripple caused
by the charging and discharging on the output
capacitor, and the ohmic ripple due to the
capacitor's equivalent series resistance. The ESR
of the output capacitor is the important parameter
to determine the output voltage ripple of the
converter, so low ESR capacitors should be used
at the output to reduce the output voltage ripple.
The
v oltage
rating
and
temperature
characteristics of the Output capacitor must also
be considered. So a value of 10 F,
voltage
rating capacitor is chosen.
Consider from discharge aspect: Ix t=Cx V
In boost and sepic topology,
In buck topology,
V
: Output voltage allowable ripple.
Consider from equivalent series resistance:
V=I
xC
In sepic topology, there is a series capacitor Cs
between L1 and L2 (see application schematic), it
flows the current:
The ripple voltage is
The voltage rating must be higher than input
voltage.
Because the Cs capacitor will flow the large RMS
current, so this topology is suitable for small
power application.
PAM2842 is a high switching frequency converter
which demands high speed rectifier. It's
indispensable to use a Schottky diode rated at 3A,
40V with the PAM2842. Using a Schottky diode
with a lower forward voltage drop is better to
improve the power LED efficiency.
In boost topology, the voltage rating should be
higher than Vout and in buck topology, the voltage
rating higher than Vin, the peak current is
in sepic topology, the voltage rating should be
higher than Vin+Vout, the peak current is
I=I
+I
The average current of the diode equals to Io.
PAM2842 working frequency is decided by
resistor connect to the RT pin, it can be calculated
by follow equation:
From the equations, we can see when working
frequency is high, the inductance can be small.
It's important in some size limit application. But
we should know when the working frequency is
higher, the switching loss is higher too. We must
pay attention to thermal dissipation in this
application.
There are two methods for setting and adjusting
the LED current:
1)
Rsense only
2)
PWM signal with external components
a)
Use the COMP pin
b)
Use the Sense pin
Δ
μ
μ
μ
μ
μ
ΔΔ
LL1
RIPPLE
ripple-esr
co.ripple
oesr
DMAX
L1peak
L2peak
Capacitor Selection
Diode Selection
Work frequency selection
Methods for Setting LED Current
50V
IN
O
L
IN
O
VV
I
LF(V
V )
D=
+
2
IN
OIN
O
2.5V
L
FI (V
V )
=
+
O
O
RIPPLE
ID
C
FV
=
O
O
RIPPLE
I(1 D)
C
FV
-
=
O
Cs(RMS)
O
IN
V
II
V
=
O
Cs
S
ID
V
FC
D=
L
DMAX
L
I
II
2
D
=+
12
SW
10
F(Hz)
24 (RT 12K)
=
´+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com