Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 14 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 15Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 16Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 17Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Above description does not consider the IC
control power, so the total power will be more than
calculated value.
PAM2842 has over-temperature protection. When
junction temperature is over 150°C, it will shut
down and auto restart when junction temperature
decrease below 120
.
In high temperature circumstance application,
one must pay attention to heat dissipation, or it
will shut down and restart. It is recommended to
use external heat-sink and placed near to the IC
surface.
Careful PCB layout is important for normal
operation. Use the following guidelines for good
PCB layout: (BOOST)
1)
Minimize the area of the high current
switching loop of the rectifier diode and output
capacitor to avoid excessive switching noise.
2)
Connect high-current input and output
components with short and wide connections. The
high-current input loop goes from the positive
terminal of the input capacitor to the inductor and
the SW pin. The high-current output loop is from
the positive terminal of the input capacitor
through the inductor, rectifier diode, and positive
terminal of the output capacitors, reconnecting
between the output capacitor and input capacitor
ground terminals. Avoid using vias in the high-
current paths. If vias are unavoidable, use
multiple vias in parallel to reduce resistance and
inductance.
3)
Create a ground island (PGND) consisting of
the input and output capacitor ground and PGND
pin. Connect all these together with short, wide
traces or a small ground plane. Maximizing the
width of the power ground traces improves
efficiency and reduces output-voltage ripple and
noise spikes. Create an analog ground island
(AGND) consisting of the output voltage
detection-divider ground connection, the Sense-
pin connection, VCC-5V and VCC-driver
capacitor connections. Connect the device's
exposed backside pad to PGND. Make sure no
other connections between these s eparate
ground planes.
4)
Place the output voltage setting-divider
resistors as close to the OV pin as possible. The
divider's center trace should be kept short. Avoid
running the sensing traces near SW Pin.
5)
Place the VIN pin bypass capacitor as close
to the device as possible. The ground connection
of the VIN bypass capacitor should be connected
directly to GND pins with a wide trace.
6)
Minimize the size of the SW node while
keeping it wide and short. Keep the SW node
away from the feedback node. If possible, avoid
running the SW node from one side of the PCB to
the other.
7)
For the good thermal dissipation, PAM2842
has a heat dissipate pad in the bottom side, it
should be soldered to PCB surface. As the copper
area cannot be large in the component side, we
can use multiple vias connecting to other side of
the PCB.
8)
Refer to the e xample of a PAM2842
Evaluation board layout below.
°C
PCB Layout Guidelines
PAM2842
High Power LED Driver
14
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.1
PCB Layout Example
TSSOP-20 BOOST
QFN6x6-40 BOOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com