Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2842 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM2842
Description  High Power LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2842 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM2842 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 15Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 16Page - Power Analog Micoelectronics PAM2842 Datasheet HTML 17Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
PAM2842
High Power LED Driver
13
,
Power Analog Microelectronics Inc
www.poweranalog.com
09/2008 Rev 1.1
Setting the Output Limit Voltage
Figure 5: Use External Zener
Short LED Function
Power Dissipation
The OV pin is connected to the center tap of a
resistive voltage divider from the high-voltage
output to ground (see application schematic).
The recommend procedure is to choose R3
=360K and R4 =12K to set Vout_limit =37.2V.
In boost and sepic circuit, when LED open or no
load, the circuit will have no feedback, if no other
measure be taken the switch voltage will be very
high and damage the switch, so this OV pin must
be set carefully.
In buck circuit, the switch voltage is always small
than input voltage, so the OV pin setting is not
important in this condition.
This OV pin is used to limit output voltage to avoid
breakdown of the switch other than to regulate
output voltage. The setting value must keep the
switch voltage below 40V.
In sepic circuit, one must notice that the switch
voltage equals Vin+Vo.
This OV pin has a hysteresis voltage detect
function, not latch-up function, so output voltage
will have a overshoot when no load or load
working voltage is high than setting limit voltage.
If
the
c omponent
parameter
not
match
appropriately, the overshoot voltage will be too
high and can demage the switch.
Several methods can decrease the overshoot
voltage:
(1)
Add a small capacitor (<100pF) parallel
with the up divider resistor (See Figure 4).
(2)
Use external zener to clamp the output
peak voltage (See Figure 5).
Note: The output limit voltage must be set higher
than working output voltage by a proper value, or
it will work abnormal in low temperature or some
other conditions.
PAM2842 is a constant current driver. When one
or more LED shorted, the circuit will still work, the
output voltage is decided by LED numbers. In
boost topology, make sure the output voltage is
higher than input voltage; otherwise the unlimited
current will directly go through supply to LED and
damage the LED.
As PAM2842 integrates a power MOSFET, the
power dissipation must be considered. To a
MOSFET the power loss includes 5 sections, turn
on loss, turn off loss, conduction loss, drive loss
and output capacitor Coss loss.
Tr: switch rise time. Tf: switch fall time. U
: gate
drive voltage.
ja is relative with IC package,
heat-sink area and air flow condition etc.
Figure 4: add forward capacitor
Drive
θ
UP
OUT Limit
OV
DOWN
R
VV (1
)
R
-
=+
turn on
turn on
OUT
r
1
PI
V
T f
2
--
=
turn off
turn off
OUT
r
1
PI
V
T f
2
--
=
2
RDson
RMS
DSon
PI
R
=
Drive
g
Drive
PQ U
f
=
2
Coss
OSS
OUT
1
PC
V
f
2
=
Switch
turn on
turn off
RDSon
drive
Coss
PP
P
P
P
P
--
=+
+
+
+
ja
switch
TP
D= q
R3
R4
Cf
OV
Vout
ZENER
Q
R
Vout
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com