Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 32Page - Renesas Technology Corp 38D2 Datasheet HTML 33Page - Renesas Technology Corp 38D2 Datasheet HTML 34Page - Renesas Technology Corp 38D2 Datasheet HTML 35Page - Renesas Technology Corp 38D2 Datasheet HTML 36Page - Renesas Technology Corp 38D2 Datasheet HTML 37Page - Renesas Technology Corp 38D2 Datasheet HTML 38Page - Renesas Technology Corp 38D2 Datasheet HTML 39Page - Renesas Technology Corp 38D2 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 36 of 131
REJ03B0177-0302
38D2 Group
Fig. 27 Waveform of PWM/IGBT
<Notes on Timer X>
(1) Write Order to Timer X
• In the timer mode, pulse output mode, event counter mode and
pulse width measurement mode, write to the following
registers in the order as shown below;
the timer X register (extension),
the timer X register (low-order),
the timer X register (high-order).
Do not write to only one of them.
When the above mode is set and timer X operates as the 16-bit
counter, if the timer X register (extension) is never set after
reset is released, setting the timer X register (extension) is not
required. In this case, write the timer X register (low-order)
first and the timer X register (high-order). However, once
writing to the timer X register (extension) is executed, note that
the value is retained to the reload latch.
• Write to the timer X register by the 16-bit unit. Do not read the
timer X register while write operation is performed. If the
write operation is not completed, normal operation will not be
performed.
• In the IGBT output and PWM modes, do not write “1” to the
timer X register (extension). Also, when “1” is already written
to the timer X register, be sure to write “0” to the register
before using.
Write to the following registers in the order as shown below;
the compare registers 1, 2, 3 (high- and low-order),
the timer X register (extension),
the timer X register (low-order),
the timer X register (high-order).
It is possible to use whichever order to write to the compare
registers 1, 2, 3 (high- and low-order). However, write both the
compare registers 1, 2, 3 and the timer X register at the same
time.
For the compare registers, set a value less than the setting value
in the timer X register. Also, do not set “0016”.
(2) Read Order to Timer X
• In all modes, read the following registers in the order as shown
below;
the timer X register (extension),
the timer X register (high-order),
the timer X register (low-order).
When reading the timer X register (extension) is not required,
read the timer X register (high-order) first and the timer X
register (low-order).
Read order to the compare registers 1, 2, 3 is not specified.
• Read from the timer X register by the 16-bit unit. Do not write
to the timer X register while read operation is performed. If the
read operation is not completed, normal operation will not be
performed.
(3) Write to Timer X
• Which write control can be selected by the timer X write
control bit (b3) of the timer X mode register (address 2D16),
writing data to both the latch and the timer at the same time or
writing data only to the latch. When writing a value to the
timer X address to write to the latch only, the value is set into
the reload latch and the timer is updated at the next underflow.
After reset release, when writing a value to the timer X
address, the value is set into the timer and the timer latch at the
same time, because they are written at the same time.
When writing to the latch only, if the write timing to the high-
order reload latch and the underflow timing are almost the
same, the value is set into the timer and the timer latch at the
same time. In this time, counting is stopped during writing to
the high-order reload latch.
• Switch the frequency division or count source* while the timer
count is stopped.
*This also applies when the frequency divider output is selected
as the timer count source and the count source is switched in
conjunction with a transition between operating modes (on-
chip oscillator mode, XIN mode, or low-speed mode). Be
careful when changing settings in the CPU mode register.
ts
Timer X count source
Timer X PWM mode
IGBT output mode
m
× ts
(n+1)
× ts
The following PWM waveform is output;
Duty of TXOUT1 output :{(n+1)-m}/(n+1),
Duty of TXOUT2 output :(p-q)/(n+1),
Period :(n+1)
× ts
TXOUT1 output
(TXCON1 bit 5 = “0”)
TXOUT2 output
(TXCON2 bit 1 = “0”)
q
× ts
p
× ts
n : Timer X setting value
m: Compare register 1 setting value
p : Compare register 2 setting value
q : Compare register 3 setting value
ts: One period of timer X count source
External trigger (INT0 source)
is generated.
INT1 or INT2 source is generated.
Level is forcibly “L” only IGBT
output mode.
Level is “H” only IGBT
output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com