Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 42Page - Renesas Technology Corp 38D2 Datasheet HTML 43Page - Renesas Technology Corp 38D2 Datasheet HTML 44Page - Renesas Technology Corp 38D2 Datasheet HTML 45Page - Renesas Technology Corp 38D2 Datasheet HTML 46Page - Renesas Technology Corp 38D2 Datasheet HTML 47Page - Renesas Technology Corp 38D2 Datasheet HTML 48Page - Renesas Technology Corp 38D2 Datasheet HTML 49Page - Renesas Technology Corp 38D2 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 46 of 131
REJ03B0177-0302
38D2 Group
LCD DRIVE CONTROL CIRCUIT
The 38D2 Group has the built-in Liquid Crystal Display (LCD)
drive control circuit consisting of the following.
• LCD display RAM
• Segment output disable register
• LCD mode register
• Selector
• Timing controller
• Common driver
• Segment driver
• Bias control circuit
A maximum of 24 segment output pins and 4 common output
pins can be used.
Up to 96 pixels can be controlled for an LCD display. When the
LCD enable bit is set to “1” after data is set in the LCD mode
register, the segment output disable register, and the LCD display
RAM, the LCD drive control circuit starts reading the display
data automatically, performs the bias control and the duty ratio
control, and displays the data on the LCD panel.
.
Fig. 38 Structure of LCD related registers
Table 11
Maximum number of display pixels at each duty ratio
Duty ratio
Maximum number of display pixels
2
48 dots
or 8 segment LCD 6 digits
3
72 dots
or 8 segment LCD 9 digits
4
96 dots
or 8 segment LCD 12 digits
LCD mode register
(LM : address 001316)
b7
b0
Duty ratio selection bits
b1b0
0 0 : Not used
0 1 : 2 (use COM0, COM1)
1 0 : 3 (use COM0-COM2)
1 1 : 4 (use COM0-COM3)
Bias control bit
0 : 1/3 bias
1 : 1/2 bias
LCD enable bit
0 : LCD OFF
1 : LCD ON
LCD drive timing selection bit
0 : Type A
1 : Type B
LCD circuit divider division ratio selection bits
b6b5
0 0 : Clock input
0 1 : 2 division of clock input
1 0 : 4 division of clock input
1 1 : 8 division of clock input
LCDCK count source selection bit (Note 3)
0 : f(XCIN)/32
1 :
φSOURCE/8192
Segment output disable register 0
(SEG0 : address 0FF416)
b7
b0
Segment output disable bit 0
0 : Segment output SEG0
1 : Output port P00
Segment output disable bit 1
0 : Segment output SEG1
1 : Output port P01
Segment output disable bit 2
0 : Segment output SEG2
1 : Output port P02
Segment output disable bit 3
0 : Segment output SEG3
1 : Output port P03
Segment output disable bit 4
0 : Segment output SEG4
1 : Output port P04
Segment output disable bit 5
0 : Segment output SEG5
1 : Output port P05
Segment output disable bit 6
0 : Segment output SEG6
1 : Output port P06
Segment output disable bit 7
0 : Segment output SEG7
1 : Output port P07
Segment output disable register 1
(SEG1 : address 0FF516)
b7
b0
Segment output disable bit 8
0 : Segment output SEG8
1 : Output port P10
Segment output disable bit 9
0 : Segment output SEG9
1 : Output port P11
Segment output disable bit 10
0 : Segment output SEG10
1 : Output port P12
Segment output disable bit 11
0 : Segment output SEG11
1 : Output port P13
Segment output disable bit 12
0 : Segment output SEG12
1 : Output port P14
Segment output disable bit 13
0 : Segment output SEG13
1 : Output port P15
Segment output disable bit 14
0 : Segment output SEG14
1 : Output port P16
Segment output disable bit 15
0 : Segment output SEG15
1 : Output port P17
Segment output disable register 2
(SEG2 : address 0FE616)
b7
b0
Segment output disable bit 16
0 : Segment output SEG16
1 : Output port P20
Segment output disable bit 17
0 : Segment output SEG17
1 : Output port P21
Segment output disable bit 18
0 : Segment output SEG18
1 : Output port P22
Segment output disable bit 19
0 : Segment output SEG19
1 : Output port P23
Segment output disable bit 20
0 : Segment output SEG20
1 : Output port P24
Segment output disable bit 21
0 : Segment output SEG21
1 : Output port P25
Segment output disable bit 22
0 : Segment output SEG22
1 : Output port P26
Segment output disable bit 23
0 : Segment output SEG23
1 : Output port P27
Notes 1: Only pins set to output ports by the direction register can be controlled to switch to output ports or segment outputs by the segment output disable
register.
2: When the VL pin input selection bit (VLSEL) of the LCD power control register (address 003816) is “1”, settings of the segment output disable bit 22 and
segment output disable bit 23 are invalid.
3: LCDCK is a clock for an LCD timing controller.
φ SOURCE represents the supply source of internal clock φ.
XIN input: in the frequency/2, 4 or 8 mode, Internal on-chip oscillator divided by 4 in the on-chip oscillator mode, and Sub clock in the low-speed mode.
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com