Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 10Page - Renesas Technology Corp 38D2 Datasheet HTML 11Page - Renesas Technology Corp 38D2 Datasheet HTML 12Page - Renesas Technology Corp 38D2 Datasheet HTML 13Page - Renesas Technology Corp 38D2 Datasheet HTML 14Page - Renesas Technology Corp 38D2 Datasheet HTML 15Page - Renesas Technology Corp 38D2 Datasheet HTML 16Page - Renesas Technology Corp 38D2 Datasheet HTML 17Page - Renesas Technology Corp 38D2 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 14 of 131
REJ03B0177-0302
38D2 Group
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit, etc.
This register is allocated at address 003B16.
After the system is released from reset, the mode depends on the
OSCSEL pin state in the QzROM version.
When the OSCSEL pin state is GND level, only the on-chip
oscillator starts oscillation. The XIN-XOUT oscillation stops
oscillating, and XCIN and XCOUT pins function as I/O ports. The
operating mode is the on-chip oscillator mode.
When the OSCSEL pin state is Vcc level, the XIN-XOUT
oscillation divided by 8 starts oscillation. The on-chip oscillator
stops oscillating, and the XCIN and XCOUT pins function as I/O
ports. The operating mode is the frequency/8 mode.
In the flash memory version, only the on-chip oscillator starts
oscillating. The XIN-XOUT oscillation stops oscillating, and the
XCIN and XCOUT pins function as I/O ports. The operating mode
is the on-chip oscillator mode.
When the main clock or sub-clock is used, after the XIN-XOUT
oscillation and the XCIN-XCOUT oscillation are enabled, wait in
the on-chip oscillator mode etc. until the oscillation stabilizes,
and then switch the operation mode.
When the main clock is not used (XIN-XOUT oscillation and an
external clock input are not used), connect the XIN pin to VCC
through a resistor and leave XOUT open.
[CPU Mode Register 2 (CPUM2)] 001116
The CPU mode register 2 contains the control bits for the on-chip
oscillator.
The CPU mode register 2 is allocated at address 001116.
Fig. 7 Structure of CPU mode register
On-chip oscillator stop bit
0 : Oscillating
1 : Stopped
Not used (do not write “1”)
Not used (returns “0” when read)
Not used (do not write “1”)
Processor mode bits
b1 b0
0 0 : Single-chip mode
0 1 :
1 0 :
1 1 :
Stack page selection bit
0 : 0 page
1 : 1 page
Internal system clock selection bit
0 : Main clock selected (includes OCO, XIN)
1 : XCIN–XCOUT selected
Port Xc switch bit
0 : I/O port function (Oscillation stop)
1 : XCIN–XCOUT oscillating function
XIN–XOUT oscillation stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bit (Valid only when CM3=0)
b7 b6
0 0 : f(XIN)/2 (frequency/2 mode)
0 1 : f(XIN)/8 (frequency/8 mode)
1 0 : f(XIN)/4 (frequency/4 mode)
1 1 : On-chip oscillator
b7
b0
CPU mode register 2
CPUM2
(address 001116, QzROM version, OSCSEL=L, initial value: 0016)
(
QzROM version, OSCSEL=H, initial value: 0116)
(
Flash memory version,
initial value: 0016)
CM8
b7
b0
CPU mode register
CPUM
(address 003B16, QzROM version, OSCSEL=L, initial value: E016)
(
QzROM version, OSCSEL=H, initial value: 4016)
(
Flash memory version,
initial value: E016)
CM0
CM1
CM2
CM3
CM4
CM5
CM6
CM7
Not available
Notes 1: When the on-chip oscillator is selected by the watchdog timer count source selection bit 2 (bit 5 of
watchdog timer control register (address 002916)), the on-chip oscillator does not stop
even when the on-chip oscillator stop bit is set to “1”.
Also, when the low-speed mode is set, the on-chip oscillator stops regardless of the value of this bit in
the QzROM version. The on-chip oscillator does not stop in the flash memory version, so set this bit to
“1” to stop the oscillation.
In on-chip oscillator mode, even if this bit is set to “1”, the on-chip oscillator does not stop in the flash
memory version, but stops in the QzROM version.
2: In low-speed mode, the XCIN-XCOUT oscillation stops if the port XC switch bit is set to “0”.
3: In XIN mode, the XIN-XOUT oscillation does not stop even if the XIN-XOUT oscillation stop bit is set to “1”.
4: 12.5 MHz < f(XIN)
≤ 16 MHz is not available in the frequency/2 mode.
(1)
(4)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com