Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 17Page - Renesas Technology Corp 38D2 Datasheet HTML 18Page - Renesas Technology Corp 38D2 Datasheet HTML 19Page - Renesas Technology Corp 38D2 Datasheet HTML 20Page - Renesas Technology Corp 38D2 Datasheet HTML 21Page - Renesas Technology Corp 38D2 Datasheet HTML 22Page - Renesas Technology Corp 38D2 Datasheet HTML 23Page - Renesas Technology Corp 38D2 Datasheet HTML 24Page - Renesas Technology Corp 38D2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 21 of 131
REJ03B0177-0302
38D2 Group
Fig. 14 Port block diagram (2)
(12) Ports P43-P45
Analog input pin selection bit
A-D conversion input
Data bus
Port latch
Direction
register
Pull-up control
(14) Port P54
(7) Ports P34, P50, P51, P60
Data bus
Direction
register
Port latch
Pull-up control
CNTR1 interrupt input
INT0-INT2 interrupt input
(8) Port P35
Port latch
Data bus
Pulse output mode
Timer X output
Direction
register
Pull-up control
Direction
register
Data bus
Serial I/O enable bit
Receive enable bit
Port latch
Pull-up control
Serial I/O input
Key-on wakeup interrupt input
Key input control
(9) Ports P36, P52, P53
Port latch
Data bus
Port/Timer output selection
Timer output/PWM output
Timer output/System clock
φ output
Direction
register
Pull-up control
(13) Ports P40, P41, P46, P47
Data bus
Port latch
Oscillation output control bit/
Real time control bit
Direction
register
Pull-up control
Analog input pin selection bit
A-D conversion input
Oscillation output/
Data for real time port
(10) Ports P37
Data bus
Direction
register
Port latch
Pull-up control
CNTR0 interrupt input
Timer output
A-D conversion input
Data bus
Port latch
Direction
register
Pull-up control
(11) Ports P42
ADKEY enable bit
Analog input pin selection bit
Port/Timer output selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com