Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 93Page - Renesas Technology Corp 38D2 Datasheet HTML 94Page - Renesas Technology Corp 38D2 Datasheet HTML 95Page - Renesas Technology Corp 38D2 Datasheet HTML 96Page - Renesas Technology Corp 38D2 Datasheet HTML 97Page - Renesas Technology Corp 38D2 Datasheet HTML 98Page - Renesas Technology Corp 38D2 Datasheet HTML 99Page - Renesas Technology Corp 38D2 Datasheet HTML 100Page - Renesas Technology Corp 38D2 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 97 of 131
REJ03B0177-0302
38D2 Group
NOTES:
1. Relationship between system clock
φ frequency and power source voltage is shown in the graph below.
2. When the A/D converter is used, refer to the recommended operating conditions of the A/D converter.
3. 12.5 MHz
< f(XIN) ≤ 16 MHz is not available in the frequency/2 mode.
4. The oscillation start voltage and the oscillation start time differ depending on factors such as the oscillator, circuit constants, and
operation temperature range. Note that oscillation start may be particularly difficult at low voltage when using a high-frequency
oscillator.
5. When using the microcomputer in low-speed mode, set the clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
<System clock
φ frequency>
<Main clock XIN frequency>
Table 24 Recommended operating conditions (4)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta =
−20 to 85°C, unless otherwise noted)
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
f(CNTR0)
f(CNTR1)
Timer X and Timer Y
Input frequency (duty cycle 50%)
4.5
≤ VCC ≤ 5.5V
6.25
MHz
4.0
≤ VCC < 4.5V
2
× Vcc −4MHz
2.0
≤ VCC < 4.0V
Vcc
MHz
VCC
< 2.0V
5
× Vcc −8MHz
f(Tclk)
Timer X, Timer Y,
Timer 1, Timer 2,
Timer 3, Timer 4 clock input frequency
(Count source frequency of each timer)
4.5
≤ VCC ≤ 5.5V
16
MHz
4.0
≤ VCC < 4.5V
4
× Vcc −8MHz
2.0
≤ VCC < 4.0V
2
× Vcc
MHz
VCC
< 2.0V
10
× Vcc −16
MHz
f(
φ)
System clock
φ frequency (1)
4.5
≤ VCC ≤ 5.5V
6.25
MHz
4.0
≤ VCC < 4.5V
4
MHz
2.0
≤ VCC < 4.0V
Vcc
MHz
VCC
< 2.0V
5
× Vcc −8MHz
f(XIN)
Main clock input frequency
(duty cycle 50%) (2)(3)
4.5
≤ VCC ≤ 5.5V
1.0
16
MHz
2.0
≤ VCC < 4.5V
1.0
8.0
MHz
VCC
< 2.0V
1.0
20
× Vcc −32
MHz
f(XCIN)
Sub-clock oscillation frequency
(duty cycle 50%)(4)(5)
32.768
80
kHz
[MHz]
6.25
4.0
2.0
1.0
0
1.8 2.0
4.0 4.5
5.5 [V]
Power source voltage
[MHz]
16
8.0
4.0
1.0
0
1.8 2.0
4.5
5.5 [V]
Power source voltage
QzROM VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com