Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 11Page - Renesas Technology Corp 38D2 Datasheet HTML 12Page - Renesas Technology Corp 38D2 Datasheet HTML 13Page - Renesas Technology Corp 38D2 Datasheet HTML 14Page - Renesas Technology Corp 38D2 Datasheet HTML 15Page - Renesas Technology Corp 38D2 Datasheet HTML 16Page - Renesas Technology Corp 38D2 Datasheet HTML 17Page - Renesas Technology Corp 38D2 Datasheet HTML 18Page - Renesas Technology Corp 38D2 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 15 of 131
REJ03B0177-0302
38D2 Group
Fig. 8 Switch procedure of CPU mode register
After releasing reset
N
Y
Low-speed/XIN mode ?
Start the oscillation
(bits 4 and 5 of CPUM)
Oscillator starts oscillation.
Do not change bit 3, bit 6 and bit 7
of CPUM until oscillation stabilizes.
Select internal system clock
(bit 3 of CPUM or bit 7, 6 = “01”)
Wait by on-chip oscillator operation until
establishment of oscillator clock
Switch the main clock division ratio
selection bit (bit 7, 6 = “00” or “10”)
Start with an on-chip oscillator.
Initial value of CPUM is E016.
Initial value of CPUM2 is 0016.
As for the details of condition for
transition among each mode,
refer to the state transition of
system clock.
System can operate in on-chip
oscillator mode until oscillation
stabilize.
Select internal system clock.
Do not change bit 3, bit 6 and bit
7 of CPUM at the same time.
Select main clock division ratio.
Switch to frequency/2 or frequency/4 mode here,
if necessary.
Main routine
Reset
L
OSCSEL ?
After releasing reset
Wait by operation until establishment
H
The CPU starts its operation
in the built-in XIN mode.
Initial value of CPUM is 4016.
Initial value of CPUM2 is 0116.
After releasing reset
N
Y
Low-speed/XIN mode ?
Start the oscillation
(bits 4 and 5 of CPUM)
Oscillator starts oscillation.
Do not change bit 3, bit 6 and bit 7 of CPUM until
oscillation stabilizes.
Select internal system clock
(bit 3 of CPUM or bit 7, 6 = “01”)
Wait by on-chip oscillator operation until
establishment of oscillator clock
Switch the main clock division ratio
selection bit (bit 7, 6 = “00” or “10”)
Start with an on-chip oscillator.
Initial value of CPUM is E016.
Initial value of CPUM2 is 0016.
As for the details of condition for
transition among each mode,
refer to the state transition of system clock.
System can operate in on-chip oscillator mode until
oscillation stabilize.
Select internal system clock.
Do not change bit 3, bit 6 and bit 7 of CPUM at the
same time.
Select main clock division ratio.
Switch to frequency/2 or 4 mode here, if necessary.
Main routine
Reset
<QzROM version>
<Flash memory version>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com