Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 29Page - Renesas Technology Corp 38D2 Datasheet HTML 30Page - Renesas Technology Corp 38D2 Datasheet HTML 31Page - Renesas Technology Corp 38D2 Datasheet HTML 32Page - Renesas Technology Corp 38D2 Datasheet HTML 33Page - Renesas Technology Corp 38D2 Datasheet HTML 34Page - Renesas Technology Corp 38D2 Datasheet HTML 35Page - Renesas Technology Corp 38D2 Datasheet HTML 36Page - Renesas Technology Corp 38D2 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 33 of 131
REJ03B0177-0302
38D2 Group
Fig. 25 Structure of timer 1 to timer 4 related registers
Timer 12 mode register
(T12M: address 002516)
Timer 34 mode register
(T34M: address 002616)
Timer 1234 mode register
(T1234M: address 002716)
Timer 1234 frequency division selection register
(PRE1234: address 002816)
PWM01 register
(PWM01: address 002416)
Timer 1 frequency division selection bits
b1b0
0 0 : 1/16
× φ SOURCE
0 1 : 1/1
× φ SOURCE
1 0 : 1/2
× φ SOURCE
1 1 : 1/256
× φ SOURCE
Timer 3 frequency division selection bits
b5b4
0 0 : 1/16
× φSOURCE
0 1 : 1/1
× φ SOURCE
1 0 : 1/2
× φ SOURCE
1 1 : 1/256
× φ SOURCE
Timer 1 count stop bit
0 : Count operation
1 : Count stop
T2OUT output edge switch bit
0 : Start at “L” output
1 : Start at “H” output
Timer 2 output selection bit (P36)
0 : I/O port
1 : Timer 2 output
Timer 2 count source selection bits
b5b4
0 0 : Underflow of timer 1
0 1 : f(XCIN)
1 0 : Frequency divider for timer 2
1 1 : Not available
Timer 1 count source selection bits
b3b2
0 0 : Frequency divider for timer 1
0 1 : f(XCIN)
1 0 : Underflow of timer Y
1 1 : Not available
Timer 2 count stop bit
0 : Count operation
1 : Count stop
PWM0 set bits
b1b0
0 0 : No extended
0 1 : Extended once in four periods
1 0 : Extended twice in four periods
1 1 : Extended three times in four periods
Not used (returns “0” when read)
PWM1 set bits
b3b2
0 0 : No extended
0 1 : Extended once in four periods
1 0 : Extended twice in four periods
1 1 : Extended three times in four periods
Timer 2 frequency division selection bits
b3b2
0 0 : 1/16
× φ SOURCE
0 1 : 1/1
× φ SOURCE
1 0 : 1/2
× φ SOURCE
1 1 : 1/256
× φ SOURCE
Timer 4 frequency division selection bits
b7b6
0 0 : 1/16
× φ SOURCE
0 1 : 1/1
× φ SOURCE
1 0 : 1/2
× φ SOURCE
1 1 : 1/256
× φ SOURCE
T3OUT output edge switch bit
0 : Start at “L” output
1 : Start at “H” output
Not used (returns “0” when read)
Timer 4 write control bit
0 : Write data to both timer latch and timer
1 : Write data to timer latch only
Timer 3 write control bit
0 : Write data to both timer latch and timer
1 : Write data to timer latch only
Timer 2 write control bit
0 : Write data to both timer latch and timer
1 : Write data to timer latch only
Timer 4 output selection bit (P53)
0 : I/O port
1 : Timer 4 output
Timer 3 output selection bit (P52)
0 : I/O port
1 : Timer 3 output
T4OUT output edge switch bit
0 : Start at “L” output
1 : Start at “H” output
Timer 3 count stop bit
0 : Count operation
1 : Count stop
Not used (returns “0” when read)
Timer 4 operating mode selection bit
0 : Timer mode
1 : PWM mode
Timer 3 operating mode selection bit
0 : Timer mode
1 : PWM mode
Timer 4 count source selection bits
b4b3
0 0 : Frequency divider for timer 4
0 1 : Underflow of Timer 3
1 0 : Underflow of Timer 2
1 1 : f(XIN)
Timer 3 count source selection bit
0 : Frequency divider for timer 3
1 : Underflow of Timer 2
Timer 4 count stop bit
0 : Count operation
1 : Count stop
b7
b0
b7
b0
b7
b0
b7
b0
b7
b0
Note1:
φSOURCE indicates the followings:
•XIN input in the frequency/2, 4, or 8 mode
•On-chip oscillator divided by 4 in the on-chip oscillator mode
•Sub-clock in the low-speed mode
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com