Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 78Page - Renesas Technology Corp 38D2 Datasheet HTML 79Page - Renesas Technology Corp 38D2 Datasheet HTML 80Page - Renesas Technology Corp 38D2 Datasheet HTML 81Page - Renesas Technology Corp 38D2 Datasheet HTML 82Page - Renesas Technology Corp 38D2 Datasheet HTML 83Page - Renesas Technology Corp 38D2 Datasheet HTML 84Page - Renesas Technology Corp 38D2 Datasheet HTML 85Page - Renesas Technology Corp 38D2 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 82 of 131
REJ03B0177-0302
38D2 Group
Parallel I/O Mode
The parallel I/O mode is used to input/output software
commands, address and data in parallel for operation (read,
program and erase) to internal flash memory.
• User ROM and Boot ROM Areas
In parallel I/O mode, the User ROM and Boot ROM areas shown
in Figure 70 can be rewritten. Both areas of flash memory can be
operated on in the same way.
The Boot ROM area is 4 Kbytes in size and located at addresses
F00016 through FFFF16. Make sure program and block erase
operations are always performed within this address range.
(Access to any location outside this address range is prohibited.)
In the Boot ROM area, an erase block operation is applied to
only one 4 K byte block. The boot ROM area has had a standard
serial I/O mode control program stored in it when shipped from
the factory. Therefore, using the MCU in standard serial I/O
mode, do not rewrite to the Boot ROM area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com