Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38D2 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 38D2
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D2 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 38D2 Datasheet HTML 25Page - Renesas Technology Corp 38D2 Datasheet HTML 26Page - Renesas Technology Corp 38D2 Datasheet HTML 27Page - Renesas Technology Corp 38D2 Datasheet HTML 28Page - Renesas Technology Corp 38D2 Datasheet HTML 29Page - Renesas Technology Corp 38D2 Datasheet HTML 30Page - Renesas Technology Corp 38D2 Datasheet HTML 31Page - Renesas Technology Corp 38D2 Datasheet HTML 32Page - Renesas Technology Corp 38D2 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 29 of 131
REJ03B0177-0302
38D2 Group
• Key Input Interrupt (Key-on Wake-Up)
A key input interrupt request is generated by detecting the falling
edge from any pin of ports P00
−P03, P54−P57 that have been set
to input mode. In other words, it is generated when AND of input
level goes from “1” to “0”. An example of using a key input
interrupt is shown in Figure 21, where an interrupt request is
generated by pressing one of the keys consisted as an active-low
key matrix which inputs to ports P54
−P57.
Fig. 21 Connection example when using key input interrupt
∗
∗
∗
∗
∗
∗
∗
∗
∗∗
∗∗
∗∗
∗∗
∗∗
∗∗
∗∗
∗∗
Port P54
latch
Port P54
direction register = “0”
Port P55
latch
Port P55
direction register = “0”
Port P56
latch
Port P56
direction register = “0”
Port P57
latch
Port P57
direction register = “0”
Port P00
latch
Port P00
direction register = “1”
Port P01
latch
Port P01
direction register = “1”
Port P02
latch
Port P02
direction register = “1”
Port P03
latch
Port P03
direction register = “1”
P54 input
P55 input
P56 input
P57 input
P00 output
P01 output
P02 output
P03 output
PULL register
Bit 5 = “1”
Port P0
Input reading circuit
Key input interrupt request
Port PXx
“L” level output
∗ P-channel transistor for pull-up
∗∗ CMOS output buffer
Port P5 Input
reading circuit
Key input control
register = “1”
Key input control
register = “1”
Key input control
register = “1”
Key input control
register = “1”
Key input control
register = “1”
Key input control
register = “1”
Key input control
register = “1”
Key input control
register = “1”
Segment output
disable register 0
Bit 3 = “1”
Segment output
disable register 0
Bit 2 = “1”
Segment output
disable register 0
Bit 1 = “1”
Segment output
disable register 0
Bit 0 = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com