Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 31Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 32Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 33Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 34Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 35Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 36Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 37Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 38Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
HD404318 Series
33
Timer B
Timer B is an 8-bit multifunction timer that includes free-running, reload, and input capture timer features.
These are described as follows.
• By setting timer mode register B1 (TMB1: $009), one of seven internal clocks supplied from prescaler
S can be selected, or timer B can be used as an external event counter
• By setting timer mode register B2 (TMB2: $026), detection edge type of EVNB can be selected
• By setting timer write register BL, BU (TWBL, BU: $00A, $00B), timer counter B (TCB) can be
written to during reload timer operation
• By setting timer read register BL, BU (TRBL, BU: $00A, $00B), the contents of timer counter B can
be read out
• Timer B can be used as an input capture timer to count the clock cycles between trigger edges input as
an external event
• An interrupt can be requested when timer counter B overflows or when a trigger input edge is received
during input capture operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com