Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 55Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 56Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 57Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 58Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 59Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 60Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 61Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 62Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
HD404318 Series
57
Electrical Characteristics
DC Characteristics (V
CC = 4.0 to 5.5 V, GND = 0 V, Vdisp = VCC – 40 V to VCC, Ta = –20 to +75°C,
unless otherwise specified)
Item
Symbol Pins
Min
Typ
Max
Unit
Test Condition
Notes
Input high
voltage
V
IH
RESET, SCK,
SI,
INT
0, INT1,
STOPC, EVNB
0.8V
CC
—V
CC + 0.3
V
OSC
1
V
CC – 0.5
—
V
CC + 0.3
V
Input low voltage V
IL
RESET, SCK,
SI
–0.3
—
0.2V
CC
V
INT
0, INT1,
STOPC, EVNB
V
CC – 40
—
0.2V
CC
V
OSC
1
–0.3
—
0.5
V
Output high
voltage
V
OH
SCK, SO, TOC V
CC – 0.5
—
—
V
–I
OH = 0.5 mA
Output low
voltage
V
OL
SCK, SO, TOC —
—
0.4
V
I
OL = 0.4 mA
I/O leakage
current
|I
IL|
RESET, SCK,
SI, SO, TOC,
OSC
1
——
1
µAV
in = 0 V to VCC
1
INT
0, INT1,
STOPC, EVNB
——
20
µAV
in = VCC – 40 to VCC
1
Current
dissipation in
active mode
I
CC
V
CC
—
—
5.0
mA
V
CC = 5 V,
f
OSC = 4 MHz
2, 5
—
—
8.0
mA
2, 6
Current
dissipation in
standby mode
I
SBY
V
CC
—
—
2.0
mA
V
CC = 5 V,
f
OSC = 4 MHz
3
Current
dissipation in
stop mode
I
STOP
V
CC
——
10
µAV
CC = 5 V
4, 5
——
20
µA
4, 6
Stop mode
retaining voltage
V
STOP
V
CC
2—
—
V
Notes: 1. Excludes current flowing through pull-up MOS and output buffers.
2. I
CC is the source current when no I/O current is flowing while the MCU is in reset state.
Test conditions:
MCU:
Reset
Pins:
RESET, TEST at GND
R0, R3, R4 at V
CC
D
0–D 8, R1, R2, R8, RA1 at V disp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com