Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 51Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 52Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 53Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 54Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 55Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 56Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 57Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 58Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
HD404318 Series
53
MSB
bit 7
LSB
bit 0
RESULT
0
1
ADRL: $017
2
3
0
1
ADRU: $018
2
3
Figure 46 A/D Data Registers
0
0
R
ADRL0
1
0
R
ADRL1
Bit
Initial value
Read/Write
Bit name
A/D data register (lower digit) (ADRL: $017)
2
0
R
ADRL2
3
0
R
ADRL3
Figure 47 A/D Data Register Lower Digit (ADRL)
0
0
R
ADRU0
1
0
R
ADRU1
Bit
Initial value
Read/Write
Bit name
A/D data register (upper digit) (ADRU: $018)
2
0
R
ADRU2
3
1
R
ADRU3
Figure 48 A/D Data Register Upper Digit (ADRU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com