Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 2Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 3Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 4Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 5Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 6Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 7Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 8Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 9Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
HD404318 Series
4
PinDescription
Pin Number
Item
Symbol
DP-42S FP-44A I/O
Function
Power supply V
CC
21
16
Applies power voltage
GND
10
5
Connected to ground
V
disp (shared
with RA
1)
1
39
Used as a high-voltage output power supply pin when
selected by the mask option
Test
TEST
6
1
I
Cannot be used in user applications. Connect this pin
to GND.
Reset
RESET
7
2
I
Resets the MCU
Oscillator
OSC
1
8
3
I
Input/output pin for the internal oscillator. Connect these
pins to the ceramic or crystal oscillator, or OSC
1 to an
external oscillator circuit.
OSC
2
94
O
Port
D
0–D 8
22–30
17–21,
23–26
I/O
Input/output pins addressed individually by bits; D
0–D 8
are all high-voltage I/O pins. Each pin can be
individually configured as selected by the mask option.
RA
1
1
39
I
One-bit high-voltage input port pin
R0
0–R0 3,
R3
0–R4 3
2–5,
12–19
40–43,
7–14
I/O
Four-bit input/output pins consisting of standard voltage
pins
R1
0–R2 3,
R8
0–R8 3
31–42
27–38
I/O
Four-bit input/output pins consisting of high voltage pins
Interrupt
INT
0, INT1
22, 23
17, 18
I
Input pins for external interrupts
Stop clear
STOPC
26
21
I
Input pin for transition from stop mode to active mode
Serial
interface
SCK
2
40
I/O
Serial interface clock input/output pin
SI
3
41
I
Serial interface receive data input pin
SO
4
42
O
Serial interface transmit data output pin
Timer
TOC
5
43
O
Timer output pin
EVNB
24
19
I
Event count input pin
Alarm
BUZZ
25
20
O
Square waveform output pin
A/D
converter
AV
CC
20
15
Power supply for the A/D converter. Connect this pin as
close as possible to the V
CC pin and at the same voltage
as V
CC.
If the power supply voltage to be used for the
A/D converter is not equal to V
CC, connect a 0.1-µF
bypass capacitor between the AV
CC and AV SS pins.
(However, this is not necessary when the AV
CC pin is
directly connected to the V
CC pin.)
AV
SS
11
6
Ground for the A/D converter. Connect this pin as close
as possible to GND at the same voltage as GND.
AN
0–AN 7
12–19
7–14
I
Analog input pins for the A/D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com