Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 40Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 41Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 42Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 43Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 44Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 45Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 46Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 47Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
HD404318 Series
42
Serial Interface
The MCU has a one-channel serial interface built in with the following features.
• One of 13 different internal clocks or an external clock can be selected as the transmit clock. The
internal clocks include the six prescaler outputs divided by two and by four, and the system clock.
• During idle states, the serial output pin can be controlled to be high or low output
• Transmit clock errors can be detected
• An interrupt request can be generated after transfer has completed when an error occurs
Table 10
Serial Interface Operating Modes
SMR
PMRA
Bit 3
Bit 1
Bit 0
Operating Mode
1
0
0
Continuous clock output mode
1
Transmit mode
1
0
Receive mode
1
Transmit/receive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com