Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS4318ESS01H Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HS4318ESS01H
Description  microcomputer designed to increase program productivity
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4318ESS01H Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HS4318ESS01H Datasheet HTML 21Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 22Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 23Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 24Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 25Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 26Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 27Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 28Page - Renesas Technology Corp HS4318ESS01H Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
HD404318 Series
23
Table 4
Oscillator Circuit Examples
Circuit Configuration
Circuit Constants
External clock
operation
External
oscillator
OSC
Open
1
OSC
2
Ceramic oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Ceramic
GND
Ceramic oscillator: CSA4.00MG (Murata)
R
f = 1 MΩ ±20%
C
1 = C2 = 30 pF ±20%
Crystal oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Crystal
GND
L
S
C
RS
CO
OSC1
OSC2
R
f = 1 MΩ ±20%
C
1 = C2 = 10 to 22 pF ±20%
Crystal: Equivalent to circuit shown below
C
0 = 7 pF max.
R
S = 100 Ω max.
Notes: 1. Since the circuit constants change depending on the crystal or ceramic oscillator and stray
capacitance of the board, the user should consult with the crystal or ceramic oscillator
manufacturer to determine the circuit parameters.
2. Wiring among OSC
1, OSC 2, and elements should be as short as possible, and must not cross
other wiring (see figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com